Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN5E160AS-E Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza VN5E160AS-E
Descripción Electrónicos  Single channel high side driver with analog for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160AS-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN5E160AS-E Datasheet HTML 5Page - STMicroelectronics VN5E160AS-E Datasheet HTML 6Page - STMicroelectronics VN5E160AS-E Datasheet HTML 7Page - STMicroelectronics VN5E160AS-E Datasheet HTML 8Page - STMicroelectronics VN5E160AS-E Datasheet HTML 9Page - STMicroelectronics VN5E160AS-E Datasheet HTML 10Page - STMicroelectronics VN5E160AS-E Datasheet HTML 11Page - STMicroelectronics VN5E160AS-E Datasheet HTML 12Page - STMicroelectronics VN5E160AS-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VN5E160AS-E
Electrical specifications
Doc ID 15609 Rev 4
9/37
2.3
Electrical characteristics
Values specified in this section are for 8 V < VCC < 28 V; -40 °C < Tj < 150 °C, unless
otherwise stated.
Table 5.
Power section
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
VCC
Operating supply voltage
4.5
13
28
V
VUSD
Undervoltage shut-down
3.5
4.5
V
VUSDhyst
Undervoltage shut-down
hysteresis
0.5
V
RON
ON-state resistance
IOUT = 1 A, Tj = 25 °C
160
m
Ω
IOUT = 1 A, Tj = 150 °C
320
IOUT = 1 A, VCC = 5 V, Tj = 25 °C
210
Vclamp
Voltage clamp
IS = 20 mA
41
46
52
V
IS
Supply current
OFF-state: VCC = 13 V,
VIN =VOUT =0 V, Tj =25°C
2(1)
1.
PowerMOS leakage included.
5(1)
µA
ON-state: VIN =5 V, VCC =13V,
IOUT =0 A
1.9
3.5
mA
IL(off1)
OFF-state output current
VIN =VOUT =0 V, VCC =13V,
Tj =25°C
00.01
3
µA
VIN =VOUT =0 V, VCC =13V,
Tj =125 °C
05
VF
Output - VCC diode
voltage
-IOUT = 1 A, Tj =150 °C
0.7
V
Table 6.
Switching (VCC = 13 V; Tj = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL =13 Ω
(see Figure 6)
—10
µs
td(off)
Turn-off delay time
RL =13 Ω
(see Figure 6)
—10
µs
dVOUT/dt(on) Turn-on voltage slope RL = 13 Ω
See Figure 26
—V/µs
dVOUT/dt(off) Turn-off voltage slope RL = 13 Ω
See Figure 28
—V/µs
WON
Switching energy
losses during
twon
RL =13 Ω
(see Figure 6)
—0.05
mJ
WOFF
Switching energy
losses during
twoff
RL =13 Ω
(see Figure 6)
—0.03
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com