Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN5E160AS-E Datasheet(PDF) 29 Page - STMicroelectronics

No. de pieza VN5E160AS-E
Descripción Electrónicos  Single channel high side driver with analog for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160AS-E Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VN5E160AS-E Datasheet HTML 25Page - STMicroelectronics VN5E160AS-E Datasheet HTML 26Page - STMicroelectronics VN5E160AS-E Datasheet HTML 27Page - STMicroelectronics VN5E160AS-E Datasheet HTML 28Page - STMicroelectronics VN5E160AS-E Datasheet HTML 29Page - STMicroelectronics VN5E160AS-E Datasheet HTML 30Page - STMicroelectronics VN5E160AS-E Datasheet HTML 31Page - STMicroelectronics VN5E160AS-E Datasheet HTML 32Page - STMicroelectronics VN5E160AS-E Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
VN5E160AS-E
Package and PCB thermal data
Doc ID 15609 Rev 4
29/37
4
Package and PCB thermal data
4.1
SO-8 thermal data
Figure 35.
SO-8 PC board(1)
1.
Layout condition of Rth and Zth measurements (PCB: FR4 area = 4.8 mm x 4.8 mm,
PCB thickness = 2 mm, Cu thickness = 35 µm, Copper areas: from minimum pad lay-out to 2 cm2).
Figure 36.
Rthj-amb vs PCB copper area in open box free air condition
60
70
80
90
100
110
0
0.5
1
1.5
2
2.5
RTHj_amb(°C/W)
PCB Cu heatsink area (cm^2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com