Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL28610 Datasheet(PDF) 6 Page - Silicon Laboratories

No. de pieza SL28610
Descripción Electrónicos  Low Power Clock Generator for Intel짰 Ultra Mobile Platform
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28610 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SL28610 Datasheet HTML 2Page - Silicon Laboratories SL28610 Datasheet HTML 3Page - Silicon Laboratories SL28610 Datasheet HTML 4Page - Silicon Laboratories SL28610 Datasheet HTML 5Page - Silicon Laboratories SL28610 Datasheet HTML 6Page - Silicon Laboratories SL28610 Datasheet HTML 7Page - Silicon Laboratories SL28610 Datasheet HTML 8Page - Silicon Laboratories SL28610 Datasheet HTML 9Page - Silicon Laboratories SL28610 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SL28610
........................ DOC #: SP-AP-0078 (Rev. 1.0) Page 6 of 23
2
1
PCIe2_OE
Output enable for SCR2
0 = Output Disabled, 1 = Output Enabled
1
1
DOT96_OE
Output enable for DOT96
0 = Output Disabled, 1 = Output Enabled
0
1
LCD_OE
Output enable for LCD
0 = Output Disabled, 1 = Output Enabled
Byte 2: Control Register 2 (continued)
Bit
@Pup
Name
Description
Byte 3: Control Register 3
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
1
RESERVED
RESERVED
5
1
REF_OE
Output enable for REF
0 = Output Disabled, 1 = Output Enabled
4
1
REF_Bit1
REF Slew Rate Control Bit2(see Byte 16 Bit [7:6] for Slew Rate REF_Bit0 & REF_Bit2)
0 = 1 load, 1 = 2 loads
3
0
RESERVED
RESERVED
2
0
CPU0_STP#
CPU0 CPU_STP# Control
0 = Free Running, 1 = Stopped with CPU_STP#
1
0
CPU1_STP#
CPU1 CPU_STP# Control
0 = Free Running, 1 = Stopped with CPU_STP#
0
0
CPU2_STP#
CPU2 CPU_STP# Control
0 = Free Running, 1 = Stopped with CPU_STP#
Byte 4: Control Register 4
Bit
@Pup
Name
Description
7
HW
PLL1 M DIV 7
This is a read only register of the multiplier used for PLL1 M Divider
HW= Read Only
6
HW
PLL1 M DIV 6
5
HW
PLL1 M DIV 5
4
HW
PLL1 M DIV 4
3
HW
PLL1 M DIV 3
2
HW
PLL1 M DIV 2
1
HW
PLL1 M DIV 1
0
HW
PLL1 M DIV 0
Byte 5: Control Register 5
Bit
@Pup
Name
Description
7
HW
PLL1 N DIV 7
This is a read only register of the multiplier used for PLL1 N Divider
HW= Read Only
6
HW
PLL1 N DIV 6
5
HW
PLL1 N DIV 5
4
HW
PLL1 N DIV 4
3
HW
PLL1 N DIV 3
2
HW
PLL1 N DIV 2
1
HW
PLL1 N DIV 1
0
HW
PLL1 N DIV 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com