Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SL28610 Datasheet(PDF) 15 Page - Silicon Laboratories

No. de pieza SL28610
Descripción Electrónicos  Low Power Clock Generator for Intel짰 Ultra Mobile Platform
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28610 Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button SL28610 Datasheet HTML 11Page - Silicon Laboratories SL28610 Datasheet HTML 12Page - Silicon Laboratories SL28610 Datasheet HTML 13Page - Silicon Laboratories SL28610 Datasheet HTML 14Page - Silicon Laboratories SL28610 Datasheet HTML 15Page - Silicon Laboratories SL28610 Datasheet HTML 16Page - Silicon Laboratories SL28610 Datasheet HTML 17Page - Silicon Laboratories SL28610 Datasheet HTML 18Page - Silicon Laboratories SL28610 Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SL28610
...................... DOC #: SP-AP-0078 (Rev. 1.0) Page 15 of 23
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
3.3V_VDD
3.3V Supply Voltage
Functional
–0.5
4.6
V
1.5V_VDD_CORE 1.5V Supply Voltage
Functional
–0.5
2.1
V
1.5V_VDD_IO
DIFF I/O Supply Voltage
Functional
–0.5
2.1
V
VIN
Input Voltage
Relative to VSS
–0.5
4.6
VDC
TS
Temperature, Storage
Non-functional
–65
150
°C
TA
Commercial Temperature,
Operating Ambient
Functional
0
85
°C
Industrial Temperature, Operating
Ambient
-40
+85
°C
TJ
Temperature, Junction
Functional
150
°C
ØJC
Dissipation, Junction to Case
JEDEC (JESD 51)
20
°C/W
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
60
°C/W
ESDHBM
ESD Protection (Human Body
Model)
JEDEC (JESD 22-A114)
2000
V
UL-94
Flammability Rating
UL (CLASS)
V–0
Multiple Supplies: The Voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
1.5V_VDD_CORE 1.5V Operating Voltage
1.5V ± 5%
1.425
1.575
V
1.5V_VDD_IO
1.5V Differential I/O Supply
Voltage
1.5V ± 5%
1.425
1.575
V
3.3V_VDD
3.3V Operating Voltage
3.3 ± 5%
3.135
3.465
V
3.3V_VIH
3.3V Input High Voltage (SE)
3.3V_VDD
2
3.3V_CORE+ 0.3
V
3.3V_VIL
3.3V Input Low Voltage (SE)
VSS – 0.3
0.8
V
VIHI2C
Input High Voltage
SDATA, SCLK
2.2
V
VILI2C
Input Low Voltage
SDATA, SCLK
1.0
V
VIH_FS
FS_[C,B] Input High Voltage
1.05V_CORE
0.9
1.5V_CORE + 0.3
V
VIL_FS
FS_[C,B] Input Low Voltage
GND-0.3
0.25
V
VIH
OE# Input High Voltage
1.5V_CORE
1.2
1.5V_CORE + 0.3
V
VIL
OE# Input Low Voltage
GND-0.3
0.3
V
VIH
PCIe_SEL Input High Voltage
3.3V_CORE
2.0
VDD+0.3
V
VIL
PCIe_SEL Input Low Voltage
GND-0.3
0.8
V
IIH
Input High Leakage Current
Except internal pull-down resistors,
0 < VIN < VDD
–5
A
IIL
Input Low Leakage Current
Except internal pull-up resistors, 0
< VIN < VDD
–5
A
VOH
3.3V Output High Voltage (SE) IOH = –1 mA
2.4
V
VOL
3.3V Output Low Voltage (SE)
IOL = 1 mA
0.4
V
VDD IO
Low Voltage IO Supply Voltage
0.72
0.88
IOZ
High-impedance Output
Current
–10
10
A
CIN
Input Pin Capacitance
1.5
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com