| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SL28610 Datasheet(PDF) 11 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
SL28610 Datasheet(HTML) 11 Page - Silicon Laboratories |
|
11 / 23 page ![]() SL28610 ...................... DOC #: SP-AP-0078 (Rev. 1.0) Page 11 of 23 Byte 20: Control Register 20 Byte 21: Control Register 21 CKPWRGD#/PD (Power down) Clarification The CKPWRGD#/PD pin is a dual-function pin. During initial power up, the pin functions as CKPWRGD#. Once CKPWRGD# has been sampled HIGH by the clock chip, the pin assumes PD functionality. The PD pin is an asynchronous active HIGH input used to shut off all clocks cleanly before shutting off power to the device. This signal is synchronized internally to the device before powering down the clock synthesizer. PD is also an asynchronous input for powering up the system. When PD is asserted HIGH, clocks are driven to a LOW value and held before turning off the VCOs and the crystal oscillator. CKPWRGD#/PD (Power down) Assertion When PD is sampled HIGH by two consecutive rising edges of CPUC, all single-ended outputs will be held HIGH on their next HIGH-to-LOW transition and differential clocks must held HIGH. When PD mode is desired as the initial power on state, PD must be asserted HIGH in less than 10 s after asserting CKPWRGD. CKPWRGD#/PD (Power Down) Deassertion The power up latency is less than 1.8 ms. This is the time from the deassertion of the PD pin or the ramping of the power supply until the time that stable clocks are generated from the clock chip. All differential outputs stopped in a three-state condition, resulting from power down are driven high in less than 300 s of PD deassertion to a voltage greater than 200 mV. After the clock chip’s internal PLL is powered up and locked, all outputs are enabled within a few clock cycles of each clock. Figure 2 is an example showing the relationship of clocks coming up. Bit @Pup Name Description 7 0 PLL3_DAF_N7 If Prog_PLL3_EN is set, the values programmed in PLL3_DAF_N[7:0] and PLL3_DAF_M[7:0] are used to determine the PLL3 output frequency. 6 0 PLL3_DAF_N6 5 0 PLL3_DAF_N5 4 0 PLL3_DAF_N4 7 0 PLL3_DAF_N3 2 0 PLL3_DAF_N2 1 0 PLL3_DAF_N1 0 0 PLL3_DAF_N0 Bit @Pup Name Description 7 0 PLL3_DAF_M7 If Prog_PLL3_EN is set, the values programmed in PLL3_DAF_N[7:0] and PLL3_DAF_M[7:0] are used to determine the PLL3 output frequency. 6 0 PLL3_DAF_M6 5 0 PLL3_DAF_M5 4 0 PLL3_DAF_M4 7 0 PLL3_DAF_M3 2 0 PLL3_DAF_M2 1 0 PLL3_DAF_M1 0 0 PLL3_DAF_M0 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |