Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

98ASH70029A Datasheet(PDF) 25 Page - NXP Semiconductors

No. de pieza 98ASH70029A
Descripción Electrónicos  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 21Page - NXP Semiconductors 98ASH70029A Datasheet HTML 22Page - NXP Semiconductors 98ASH70029A Datasheet HTML 23Page - NXP Semiconductors 98ASH70029A Datasheet HTML 24Page - NXP Semiconductors 98ASH70029A Datasheet HTML 25Page - NXP Semiconductors 98ASH70029A Datasheet HTML 26Page - NXP Semiconductors 98ASH70029A Datasheet HTML 27Page - NXP Semiconductors 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
All timing parameters are a function of the bus clock frequency, FNVMBUS. All program
and erase times are also a function of the NVM operating frequency, fNVMOP.
Each command timing is given by:
tcommand=fNVMOP cycle × 1/fNVMOP + fNVMBUS cycle × 1/fNVMBUS
Table 14. Flash timing characteristics
C
Characteristic
Symbol
fNVMOP cycle
fNVMBUS cycle
D
Erase Verify All Blocks
tVFYALL
—
17338
D
Erase Verify Flash Block
tRD1BLK
—
16913
D
Erase Verify EEPROM Block
tRD1BLK
—
810
D
Erase Verify Flash Section
tRD1SEC
—
484
D
Erase Verify EEPROM Section
tDRD1SEC
—
555
D
Read Once
tRDONCE
—
450
D
Program Flash (2 word)
tPGM2
68
1397
D
Program Flash (4 word)
tPGM4
122
2128
D
Program Once
tPGMONCE
122
2090
D
Program EEPROM (1 Byte)
tDPGM1
47
1371
D
Program EEPROM (2 Byte)
tDPGM2
94
2120
D
Program EEPROM (3 Byte)
tDPGM3
141
2869
D
Program EEPROM (4 Byte)
tDPGM4
188
3618
D
Erase All Blocks
tERSALL
100066
17743
D
Erase Flash Block
tERSBLK
100060
17236
D
Erase Flash Sector
tERSPG
20015
868
D
Erase EEPROM Sector
tDERSPG
5015
756
D
Unsecure Flash
tUNSECU
100066
17730
D
Verify Backdoor Access Key
tVFYKEY
—
464
D
Set User Margin Level
tMLOADU
—
407
Program and erase operations do not require any special power sources other than the
normal VDD supply. For more detailed information about program/erase operations, see
the Memory section.
7.3 Analog
Peripheral operating requirements and behaviors
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
NXP Semiconductors
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41