| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
98ASH70029A Datasheet(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
98ASH70029A Datasheet(HTML) 27 Page - NXP Semiconductors |
|
27 / 41 page ![]() ADC SAR ENGINE SIMPLIFIED CHANNEL SELECT CIRCUIT SIMPLIFIED INPUT PIN EQUIVALENT CIRCUIT Pad leakage due to input protection ZAS R AS C AS v ADIN v AS z ADIN R ADIN R ADIN R ADIN R ADIN INPUT PIN INPUT PIN INPUT PIN C ADIN Figure 17. ADC input impedance equivalency diagram Table 16. 12-bit ADC Characteristics (VREFH = VDDA, VREFL = VSSA) Characteristic Conditions C Symb Min Typ1 Max Unit Supply current ADLPC = 1 ADLSMP = 1 ADCO = 1 T IDDA — 133 — µA Supply current ADLPC = 1 ADLSMP = 0 ADCO = 1 T IDDA — 218 — µA Supply current ADLPC = 0 ADLSMP = 1 ADCO = 1 T IDDA — 327 — µA Supply current ADLPC = 0 ADLSMP = 0 ADCO = 1 T IDDAD — 582 990 µA Supply current Stop, reset, module off T IDDA — 0.011 1 µA ADC asynchronous clock source High speed (ADLPC = 0) P fADACK 2 3.3 5 MHz Table continues on the next page... Peripheral operating requirements and behaviors MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019 NXP Semiconductors 27 |