Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

98ASH70029A Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 98ASH70029A
Descripción Electrónicos  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 3Page - NXP Semiconductors 98ASH70029A Datasheet HTML 4Page - NXP Semiconductors 98ASH70029A Datasheet HTML 5Page - NXP Semiconductors 98ASH70029A Datasheet HTML 6Page - NXP Semiconductors 98ASH70029A Datasheet HTML 7Page - NXP Semiconductors 98ASH70029A Datasheet HTML 8Page - NXP Semiconductors 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors 98ASH70029A Datasheet HTML 10Page - NXP Semiconductors 98ASH70029A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Part identification
3.1 Description
Part numbers for the chip have fields that identify the specific part. You can use the
values of these fields to determine the specific part you have received.
3.2 Format
Part numbers for this device have the following format:
MC 9 S08 PA AA (V) B CC
3.3 Fields
This table lists the possible values for each field in the part number (not all combinations
are valid):
Field
Description
Values
MC
Qualification status
• MC = fully qualified, general market flow
9
Memory
• 9 = flash based
S08
Core
• S08 = 8-bit CPU
PA
Device family
• PA
AA
Approximate flash size in KB
• 60 = 60 KB
• 32 = 32 KB
(V)
Mask set version
• (blank) = Any version
• A = Rev. 2 or later version, this is
recommended for new design
B
Operating temperature range (°C)
• V = –40 to 105
CC
Package designator
• QH = 64-pin QFP
• LH = 64-pin LQFP
• LF = 48-pin LQFP
• LD = 44-pin LQFP
• LC = 32-pin LQFP
3.4 Example
This is an example part number:
3
Part identification
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
NXP Semiconductors
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41