Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

98ASH70029A Datasheet(PDF) 33 Page - NXP Semiconductors

No. de pieza 98ASH70029A
Descripción Electrónicos  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors 98ASH70029A Datasheet HTML 30Page - NXP Semiconductors 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors 98ASH70029A Datasheet HTML 32Page - NXP Semiconductors 98ASH70029A Datasheet HTML 33Page - NXP Semiconductors 98ASH70029A Datasheet HTML 34Page - NXP Semiconductors 98ASH70029A Datasheet HTML 35Page - NXP Semiconductors 98ASH70029A Datasheet HTML 36Page - NXP Semiconductors 98ASH70029A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Pinout
9.1 Signal multiplexing and pin assignments
The following table shows the signals available on each pin and the locations of these
pins on the devices supported by this document. The Port Control Module is responsible
for selecting which ALT functionality is available on each pin.
Table 20. Pin availability by package pin-count
Pin Number
Lowest Priority <-- --> Highest
64-LQFP
64-QFP
48-LQFP
44-LQFP
32-LQFP
Port Pin
Alt 1
Alt 2
Alt 3
Alt 4
1
1
1
1
PTD11
KBI1P1
FTM2CH3
MOSI1
—
2
2
2
2
PTD01
KBI1P0
FTM2CH2
SPSCK1
—
3
—
—
—
PTH7
—
—
—
—
4
—
—
—
PTH6
—
—
—
—
5
3
3
—
PTE7
—
TCLK2
—
—
6
4
4
—
PTH2
—
BUSOUT
—
—
7
5
5
3
—
—
—
—
VDD
8
6
6
4
—
—
—
VDDA
VREFH
9
7
7
5
—
—
—
VSSA
VREFL
10
8
8
6
—
—
—
—
VSS
11
9
9
7
PTB7
—
SCL
—
EXTAL
12
10
10
8
PTB6
—
SDA
—
XTAL
13
11
11
—
—
—
—
—
VSS
14
—
—
—
PTH11
—
FTM2CH1
—
—
15
—
—
—
PTH01
—
FTM2CH0
—
—
16
12
—
—
PTE6
—
—
—
—
17
13
—
—
PTE5
—
—
—
—
18
14
12
9
PTB51
FTM2CH5
SS0
—
—
19
15
13
10
PTB41
FTM2CH4
MISO0
—
—
20
16
14
11
PTC3
FTM2CH3
—
ADP11
—
21
17
15
12
PTC2
FTM2CH2
—
ADP10
—
22
18
16
—
PTD7
KBI1P7
TXD2
—
—
23
19
17
—
PTD6
KBI1P6
RXD2
—
—
24
20
18
—
PTD5
KBI1P5
—
—
—
25
21
19
13
PTC1
—
FTM2CH1
ADP9
—
26
22
20
14
PTC0
—
FTM2CH0
ADP8
—
27
—
—
—
PTF7
—
—
ADP15
—
Table continues on the next page...
9
Pinout
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
NXP Semiconductors
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41