Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

98ASH70029A Datasheet(PDF) 32 Page - NXP Semiconductors

No. de pieza 98ASH70029A
Descripción Electrónicos  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 28Page - NXP Semiconductors 98ASH70029A Datasheet HTML 29Page - NXP Semiconductors 98ASH70029A Datasheet HTML 30Page - NXP Semiconductors 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors 98ASH70029A Datasheet HTML 32Page - NXP Semiconductors 98ASH70029A Datasheet HTML 33Page - NXP Semiconductors 98ASH70029A Datasheet HTML 34Page - NXP Semiconductors 98ASH70029A Datasheet HTML 35Page - NXP Semiconductors 98ASH70029A Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
2
6
7
MSB IN
BIT 6 . . . 1
MSB OUT
SLAVE LSB OUT
5
5
10
12
13
3
12
13
4
SLAVE
8
9
see
note
(INPUT)
(CPOL=0)
SPSCK
SPSCK
(CPOL=1)
SS
(INPUT)
(INPUT)
MOSI
(INPUT)
MISO
(OUTPUT)
NOTE: Not defined
11
LSB IN
BIT 6 . . . 1
Figure 21. SPI slave mode timing (CPHA=1)
Dimensions
8.1 Obtaining package dimensions
Package dimensions are provided in package drawings.
To find a package drawing, go to nxp.com and perform a keyword search for the
drawing’s document number:
If you want the drawing for this package
Then use this document number
32-pin LQFP
98ASH70029A
44-pin LQFP
98ASS23225W
48-pin LQFP
98ASH00962A
64-pin QFP
98ASB42844B
64-pin LQFP
98ASS23234W
8
Dimensions
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
32
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41