Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

98ASH70029A Datasheet(PDF) 35 Page - NXP Semiconductors

No. de pieza 98ASH70029A
Descripción Electrónicos  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 31Page - NXP Semiconductors 98ASH70029A Datasheet HTML 32Page - NXP Semiconductors 98ASH70029A Datasheet HTML 33Page - NXP Semiconductors 98ASH70029A Datasheet HTML 34Page - NXP Semiconductors 98ASH70029A Datasheet HTML 35Page - NXP Semiconductors 98ASH70029A Datasheet HTML 36Page - NXP Semiconductors 98ASH70029A Datasheet HTML 37Page - NXP Semiconductors 98ASH70029A Datasheet HTML 38Page - NXP Semiconductors 98ASH70029A Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
1. This is a high current drive pin when operated as output.
2. This is a true open-drain pin when operated as output.
Note
When an alternative function is first enabled, it is possible to
get a spurious edge to the module. User software must clear any
associated flags before interrupts are enabled. The table above
illustrates the priority if multiple modules are enabled. The
highest priority module will have control over the pin. Selecting
a higher priority pin function with a lower priority function
already enabled can cause spurious edges to the lower priority
module. Disable all modules that share a pin before enabling
another module.
9.2 Device pin assignment
Pinout
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
NXP Semiconductors
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41