| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
98ASH70029A Datasheet(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
98ASH70029A Datasheet(HTML) 30 Page - NXP Semiconductors |
|
30 / 41 page ![]() Table 18. SPI master mode timing (continued) Nu m. Symbol Description Min. Max. Unit Comment tFI Fall time input 11 tRO Rise time output — 25 ns — tFO Fall time output (OUTPUT) 2 8 6 7 MSB IN2 LSB IN MSB OUT2 LSB OUT 9 5 5 3 (CPOL=0) 4 11 11 10 10 SPSCK SPSCK (CPOL=1) 2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB. 1. If configured as an output. SS1 (OUTPUT) (OUTPUT) MOSI (OUTPUT) MISO (INPUT) BIT 6 . . . 1 BIT 6 . . . 1 Figure 18. SPI master mode timing (CPHA=0) <<CLASSIFICATION>> <<NDA MESSAGE>> 38 2 6 7 MSB IN2 BIT 6 . . . 1 MASTER MSB OUT2 MASTER LSB OUT 5 5 8 10 11 PORT DATA PORT DATA 3 10 11 4 1.If configured as output 2. LSBF = 0. For LSBF = 1, bit order is LSB, bit 1, ..., bit 6, MSB. 9 (OUTPUT) (CPOL=0) SPSCK SPSCK (CPOL=1) SS1 (OUTPUT) (OUTPUT) MOSI (OUTPUT) MISO (INPUT) LSB IN BIT 6 . . . 1 Figure 19. SPI master mode timing (CPHA=1) Peripheral operating requirements and behaviors MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019 30 NXP Semiconductors |