Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U575VG Datasheet(PDF) 106 Page - STMicroelectronics

No. de pieza STM32U575VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 102Page - STMicroelectronics STM32U575VG Datasheet HTML 103Page - STMicroelectronics STM32U575VG Datasheet HTML 104Page - STMicroelectronics STM32U575VG Datasheet HTML 105Page - STMicroelectronics STM32U575VG Datasheet HTML 106Page - STMicroelectronics STM32U575VG Datasheet HTML 107Page - STMicroelectronics STM32U575VG Datasheet HTML 108Page - STMicroelectronics STM32U575VG Datasheet HTML 109Page - STMicroelectronics STM32U575VG Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 329 page
background image
10
14
G11
22J233
K3
10
14
23J234
K3
PA0
I/O
FT_
hat
-
TIM2_CH1, TIM5_CH1, TIM8_ETR,
SPI3_RDY, USART2_CTS,
UART4_TX, OCTOSPIM_P2_NCS,
SDMMC2_CMD, AUDIOCLK,
TIM2_ETR, EVENTOUT
OPAMP1_
VINP,
ADC1_IN5,
WKUP1,
TAMP_IN2/
TAMP_
OUT1
-
---
H3
-
M1
-
--
H3
-
M1
OPAMP1_
VINM
ITT
-
-
-
11
15
J13
23
G4
34L3
11
1524
G4
35L3
PA1
I/O
FT_
hat
-
LPTIM1_CH2, TIM2_CH2,
TIM5_CH2, I2C1_SMBA,
SPI1_SCK, USART2_RTS_DE,
UART4_RX, OCTOSPIM_P1_DQS,
LPGPIO1_P0, TIM15_CH1N,
EVENTOUT
OPAMP1_
VINM,
ADC1_IN6,
WKUP3,
TAMP_IN5/
TAMP_
OUT4
12
16
J15
24K2
35
M2
12
16
25K2
36
M2
PA2
I/O FT_ha
-
TIM2_CH3, TIM5_CH3, SPI1_RDY,
USART2_TX(boot), LPUART1_TX,
OCTOSPIM_P1_NCS,
UCPD1_FRSTX1, TIM15_CH1,
EVENTOUT
COMP1_
INP3,
ADC1_IN7,
WKUP4/
LSCO
13
17
H10
25L136
N2
13
1726L137
N2
PA3
I/O
TT_
hav
-
TIM2_CH4, TIM5_CH4, SAI1_CK1,
USART2_RX(boot), LPUART1_RX,
OCTOSPIM_P1_CLK,
LPGPIO1_P1, SAI1_MCLK_A,
TIM15_CH2, EVENTOUT
OPAMP1_
VOUT,
ADC1_IN8,
WKUP5
-
18
K18
26
G7
37
M3
-
18
27
G7
38
M3
VSS
S
-
-
-
-
-
19
K16
27
G6
38
N3
-
19
28
G6
39
N3
VDD
S
-
-
-
-
Table 26. STM32U575xx pin definitions(1) (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More