| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U575VG Datasheet(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U575VG Datasheet(HTML) 107 Page - STMicroelectronics |
|
107 / 329 page ![]() 14 20 H14 28L339 N1 14 2029L340 N1 PA4 I/O TT_ha - OCTOSPIM_P1_NCS, SPI1_NSS(boot), SPI3_NSS, USART2_CK, DCMI_HSYNC/PSSI_DE, SAI1_FS_B, LPTIM2_CH1, EVENTOUT ADC1_IN9, ADC4_IN9, DAC1_ OUT1, WKUP2 15 21 H12 29 M1 40K4 15 21 30 M1 41K4 PA5 I/O TT_a- CSLEEP, TIM2_CH1, TIM2_ETR, TIM8_CH1N, PSSI_D14, SPI1_SCK(boot), USART3_RX, LPTIM2_ETR, EVENTOUT ADC1_IN10, ADC4_IN10, DAC1_ OUT2, WKUP6 16 22 F10 30L241 N4 16 2231L242 N4 PA6 I/O FT_ha - CDSTOP, TIM1_BKIN, TIM3_CH1, TIM8_BKIN, DCMI_PIXCLK/PSSI_PDCK, SPI1_MISO(boot), USART3_CTS, LPUART1_CTS, OCTOSPIM_P1_IO3, LPGPIO1_P2, TIM16_CH1, EVENTOUT OPAMP2_ VINP, ADC1_IN11, ADC4_IN11, WKUP7 - - - - M2 - H5 - - - M2 - H5 OPAMP2_VINM I TT - - - 17 23 K14 31K3 42 J5 17 23 32K3 43 J5 PA7 I/O FT_ fha - SRDSTOP, TIM1_CH1N, TIM3_CH2, TIM8_CH1N, I2C3_SCL, SPI1_MOSI(boot), USART3_TX, OCTOSPIM_P1_IO2, LPTIM2_CH2, TIM17_CH1, EVENTOUT OPAMP2_ VINM, ADC1_IN12, ADC4_IN20, WKUP8 Table 26. STM32U575xx pin definitions(1) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |