| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32U575VG Datasheet(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U575VG Datasheet(HTML) 108 Page - STMicroelectronics |
|
108 / 329 page ![]() - - - - M3 - L4 - 24 33 M3 44 L4 PC4 I/O FT_ha - USART3_TX, OCTOSPIM_P1_IO7, EVENTOUT COMP1_ INM2, ADC1_IN13, ADC4_IN22 - - G9 - J3 - M4 - 25 34J345 M4 PC5 I/O FT_at - TIM1_CH4N, SAI1_D3, PSSI_D15, USART3_RX, EVENTOUT COMP1_ INP1, ADC1_IN14, ADC4_IN23, WKUP5, TAMP_IN4/ TAMP_ OUT5 18 24 K12 32M4 43 K5 18 26 35M4 46 K5 PB0 I/O TT_ha - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, LPTIM3_CH1, SPI1_NSS, USART3_CK, OCTOSPIM_P1_IO1, LPGPIO1_P9, COMP1_OUT, AUDIOCLK, EVENTOUT OPAMP2_ VOUT, ADC1_IN15, ADC4_IN18 19 25 J11 33L444 N5 19 2736L447 N5 PB1 I/O FT_ha - TIM1_CH3N, TIM3_CH4, TIM8_CH3N, LPTIM3_CH2, MDF1_SDI0, USART3_RTS_DE, LPUART1_RTS_DE, OCTOSPIM_P1_IO0, LPGPIO1_P3, LPTIM2_IN1, EVENTOUT COMP1_ INM1, ADC1_IN16, ADC4_IN19, WKUP4 Table 26. STM32U575xx pin definitions(1) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |