Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U575VG Datasheet(PDF) 113 Page - STMicroelectronics

No. de pieza STM32U575VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 109Page - STMicroelectronics STM32U575VG Datasheet HTML 110Page - STMicroelectronics STM32U575VG Datasheet HTML 111Page - STMicroelectronics STM32U575VG Datasheet HTML 112Page - STMicroelectronics STM32U575VG Datasheet HTML 113Page - STMicroelectronics STM32U575VG Datasheet HTML 114Page - STMicroelectronics STM32U575VG Datasheet HTML 115Page - STMicroelectronics STM32U575VG Datasheet HTML 116Page - STMicroelectronics STM32U575VG Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 329 page
background image
-
-
-
56
J10
78
L13
-
-
56
J10
78
L13
PD9
I/O
FT_h
-
LPTIM2_IN2, USART3_RX,
DCMI_PIXCLK/PSSI_PDCK,
FMC_D14, SAI2_MCLK_A,
LPTIM3_IN1, EVENTOUT
-
-
-
-
57
M12
79
K11
-
-
57
M12
79
K11
PD10
I/O FT_ha
-
LPTIM2_CH2, USART3_CK,
TSC_G6_IO1, FMC_D15,
SAI2_SCK_A, LPTIM3_ETR,
EVENTOUT
-
-
-
-58
J11
80
M13
-
-58
J11
80
M13
PD11
I/O FT_ha
-
I2C4_SMBA, USART3_CTS,
TSC_G6_IO2,
FMC_CLE/FMC_A16, SAI2_SD_A,
LPTIM2_ETR, EVENTOUT
ADC4_IN15
-
-
-59
J12
81
K10
-
-59
J12
81
K10
PD12
I/O
FT_
fha
-
TIM4_CH1, I2C4_SCL,
USART3_RTS_DE, TSC_G6_IO3,
FMC_ALE/FMC_A17, SAI2_FS_A,
LPTIM2_IN1, EVENTOUT
ADC4_IN16
-
-
-60
H11
82
K12
-
-60
H11
82
K12
PD13
I/O
FT_
fha
-
TIM4_CH2, I2C4_SDA,
TSC_G6_IO4, LPGPIO1_P6,
FMC_A18, LPTIM4_IN1,
LPTIM2_CH1, EVENTOUT
ADC4_IN17
-
----
83
J12
-
---
83
J12
VSS
S
-
-
-
-
-
----
84
J13
-
---
84
J13
VDD
S
-
-
-
-
-
-
G1
61
H10
85
J10
-
-
61
H10
85
J10
PD14
I/O
FT_h
-
TIM4_CH3, FMC_D0,
LPTIM3_CH1, EVENTOUT
-
--
G3
62
H12
86
J11
--
62
H12
86
J11
PD15
I/O
FT_h
-
TIM4_CH4, FMC_D1,
LPTIM3_CH2, EVENTOUT
-
Table 26. STM32U575xx pin definitions(1) (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More