Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U575VG Datasheet(PDF) 114 Page - STMicroelectronics

No. de pieza STM32U575VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 110Page - STMicroelectronics STM32U575VG Datasheet HTML 111Page - STMicroelectronics STM32U575VG Datasheet HTML 112Page - STMicroelectronics STM32U575VG Datasheet HTML 113Page - STMicroelectronics STM32U575VG Datasheet HTML 114Page - STMicroelectronics STM32U575VG Datasheet HTML 115Page - STMicroelectronics STM32U575VG Datasheet HTML 116Page - STMicroelectronics STM32U575VG Datasheet HTML 117Page - STMicroelectronics STM32U575VG Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 329 page
background image
-
-
-
-
G10
87
K13
-
-
-
G10
87
K13
PG2
I/O FT_hs
-
SPI1_SCK, FMC_A12,
SAI2_SCK_B, EVENTOUT
-
-
-
-
-
G11
88
J8
-
-
-
G11
88
J8
PG3
I/O FT_hs
-
SPI1_MISO, FMC_A13,
SAI2_FS_B, EVENTOUT
-
-
-
-
-
G9
89
H11
-
-
-
G9
89
H11
PG4
I/O FT_hs
-
SPI1_MOSI, FMC_A14,
SAI2_MCLK_B, EVENTOUT
-
-
-
-
-
G12
90
J9
-
-
-
G12
90
J9
PG5
I/O FT_hs
-
SPI1_NSS, LPUART1_CTS,
FMC_A15, SAI2_SD_B,
EVENTOUT
-
-
-
-
-
F9
91
H10
-
-
-
F9
91
H10
PG6
I/O FT_hs
-
OCTOSPIM_P1_DQS,
I2C3_SMBA, SPI1_RDY,
LPUART1_RTS_DE,
UCPD1_FRSTX1, EVENTOUT
-
-
---
F10
92
G8
-
--
F10
92
G8
PG7
I/O FT_fhs
-
SAI1_CK1, I2C3_SCL,
OCTOSPIM_P2_DQS,
MDF1_CCK0, LPUART1_TX,
UCPD1_FRSTX2, FMC_INT,
SAI1_MCLK_A, EVENTOUT
-
-
---
F12
93
H9
-
--
F12
93
H9
PG8
I/O FT_fs
-
I2C3_SDA, LPUART1_RX,
EVENTOUT
-
-
----
94
-
-
---
94
-
VSS
S
-
-
-
-
-
----
95
H12
-
---
95
H12
VDDIO2
S
-
-
-
-
-
37
G7
63
F11
96
H13
-
37
63
F11
96
H13
PC6
I/O
FT_a
-
CSLEEP, TIM3_CH1, TIM8_CH1,
MDF1_CKI3, SDMMC1_D0DIR,
TSC_G4_IO1, DCMI_D0/PSSI_D0,
SDMMC2_D6, SDMMC1_D6,
SAI2_MCLK_A, EVENTOUT
-
Table 26. STM32U575xx pin definitions(1) (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More