Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U575VG Datasheet(PDF) 112 Page - STMicroelectronics

No. de pieza STM32U575VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 108Page - STMicroelectronics STM32U575VG Datasheet HTML 109Page - STMicroelectronics STM32U575VG Datasheet HTML 110Page - STMicroelectronics STM32U575VG Datasheet HTML 111Page - STMicroelectronics STM32U575VG Datasheet HTML 112Page - STMicroelectronics STM32U575VG Datasheet HTML 113Page - STMicroelectronics STM32U575VG Datasheet HTML 114Page - STMicroelectronics STM32U575VG Datasheet HTML 115Page - STMicroelectronics STM32U575VG Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 329 page
background image
-
-
-
-
L11
-
L10
25
33
51
L11
73
L10
PB12
I/O
FT_
hav
-
TIM1_BKIN, I2C2_SMBA,
SPI2_NSS(boot), MDF1_SDI1,
USART3_CK, LPUART1_RTS_DE,
TSC_G1_IO1,
OCTOSPIM_P1_NCLK,
SAI2_FS_A, TIM15_BKIN,
EVENTOUT
-
26
34
H2
52
K10
74
N13
26
34
52
K10
74
N13
PB13
I/O
FT_f
-
TIM1_CH1N, LPTIM3_IN1,
I2C2_SCL, SPI2_SCK(boot),
MDF1_CKI1, USART3_CTS,
LPUART1_CTS, TSC_G1_IO2,
SAI2_SCK_A, TIM15_CH1N,
EVENTOUT
-
27
35
H4
53
K11
75
M12
27
35
53
K11
75
M12
PB14
I/O FT_fd
-
TIM1_CH2N, LPTIM3_ETR,
TIM8_CH2N, I2C2_SDA,
SPI2_MISO(boot), MDF1_SDI2,
USART3_RTS_DE, TSC_G1_IO3,
SDMMC2_D0, SAI2_MCLK_A,
TIM15_CH1, EVENTOUT
UCPD1_
DBCC2
28
36
G5
54
K12
76
L11
28
36
54
K12
76
L11
PB15
I/O
FT_c
(4)
RTC_REFIN, TIM1_CH3N,
LPTIM2_IN2, TIM8_CH3N,
SPI2_MOSI(boot), MDF1_CKI2,
FMC_NBL1, SDMMC2_D1,
SAI2_SD_A, TIM15_CH2,
EVENTOUT
UCPD1_
CC2,
WKUP7
-
-
-
55
L12
77
L12
-
-
55
L12
77
L12
PD8
I/O
FT_h
-
USART3_TX,
DCMI_HSYNC/PSSI_DE,
FMC_D13, EVENTOUT
-
Table 26. STM32U575xx pin definitions(1) (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More