Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32U575VG Datasheet(PDF) 118 Page - STMicroelectronics

No. de pieza STM32U575VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 114Page - STMicroelectronics STM32U575VG Datasheet HTML 115Page - STMicroelectronics STM32U575VG Datasheet HTML 116Page - STMicroelectronics STM32U575VG Datasheet HTML 117Page - STMicroelectronics STM32U575VG Datasheet HTML 118Page - STMicroelectronics STM32U575VG Datasheet HTML 119Page - STMicroelectronics STM32U575VG Datasheet HTML 120Page - STMicroelectronics STM32U575VG Datasheet HTML 121Page - STMicroelectronics STM32U575VG Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 329 page
background image
-
54A5
83A9
116
F7
-
54
83A9
116
F7
PD2
I/O
FT
-
TRACED2, TIM3_ETR,
USART3_RTS_DE, UART5_RX,
TSC_SYNC, DCMI_D11/PSSI_D11,
LPGPIO1_P7, SDMMC1_CMD,
LPTIM4_ETR, EVENTOUT
-
-
-
-
84
C8
117
D8
-
-
84
C8
117
D8
PD3
I/O FT_hv
-
SPI2_SCK, DCMI_D5/PSSI_D5,
SPI2_MISO, MDF1_SDI0,
USART2_CTS,
OCTOSPIM_P2_NCS, FMC_CLK,
EVENTOUT
-
-
-
D8
85
B8
118
C8
-
-
85
B8
118
C8
PD4
I/O
FT_h
-
SPI2_MOSI, MDF1_CKI0,
USART2_RTS_DE,
OCTOSPIM_P1_IO4, FMC_NOE,
EVENTOUT
-
-
-
B6
86
A8
119
E7
-
-
86
A8
119
E7
PD5
I/O
FT_h
-
SPI2_RDY, USART2_TX,
OCTOSPIM_P1_IO5, FMC_NWE,
EVENTOUT
-
-
----
120
B8
-
---
120
B8
VSS
S
-
-
-
-
-
----
121
A8
-
---
121
A8
VDD
S
-
-
-
-
-
-
-
87
A7
122
B7
-
-
87
A7
122
B7
PD6
I/O FT_hv
-
SAI1_D1, DCMI_D10/PSSI_D10,
SPI3_MOSI, MDF1_SDI1,
USART2_RX, OCTOSPIM_P1_IO6,
SDMMC2_CK, FMC_NWAIT,
SAI1_SD_A, EVENTOUT
-
Table 26. STM32U575xx pin definitions(1) (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More