Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 211 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 211 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 207Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 208Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 209Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 210Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 211Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 212Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 213Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 214Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 215Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
211
6.8.1.8
Dyadic Addressing (DYA)
In this mode the result of an operation between two registers is stored in one of the registers used as
operands.
RD = RD
∗ RS is the general register to register format, with register RD being the first operand and RS
the second. RD and RS can be any of the 8 general purpose registers R0 … R7. If R0 is used as the
destination register, only the condition code flags are updated. This addressing mode is used only for shift
operations with a variable shift value
Examples:
LSL
R4,R5
; R4 = R4 << R5
LSR
R4,R5
; R4 = R4 >> R5
6.8.1.9
Triadic Addressing (TRI)
In this mode the result of an operation between two or three registers is stored into a third one.
RD = RS1
∗ RS2 is the general format used in the order RD, RS1, RS1. RD, RS1, RS2 can be any of the
8 general purpose registers R0 … R7. If R0 is used as the destination register RD, only the condition code
flags are updated. This addressing mode is used for all arithmetic and logical operations.
Examples:
ADC
R5,R6,R7
; R5 = R6 + R7 + Carry
SUB
R5,R6,R7
; R5 = R6 - R7
6.8.1.10
Relative Addressing 9-Bit Wide (REL9)
A 9-bit signed word address offset is included in the instruction word. This addressing mode is used for
conditional branch instructions.
Examples:
BCC
REL9
; PC = PC + 2 + (REL9 << 1)
BEQ
REL9
; PC = PC + 2 + (REL9 << 1)
6.8.1.11
Relative Addressing 10-Bit Wide (REL10)
An 11-bit signed word address offset is included in the instruction word. This addressing mode is used for
the unconditional branch instruction.
Examples:
BRA
REL10
; PC = PC + 2 + (REL10 << 1)
6.8.1.12
Index Register plus Immediate Offset (IDO5)
(RS, #offset5) provides an unsigned offset from the base register.
Examples:
LDB
R4,(R1,#offset)
; loads a byte from R1+offset into R4
STW
R4,(R1,#offset)
; stores R4 as a word to R1+offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com