Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 30Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 31Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 32Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 33Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 34Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 35Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 36Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 37Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
34
Freescale Semiconductor
•
Development support
— Single-wire background debug™ mode (BDM)
— Four on-chip hardware breakpoints
1.1.2
Modes of Operation
Normal expanded mode, Emulation of single-chip mode and Emulation of
expanded mode are ony available on family members with an external bus
interface in 144-pin LQFP. See Appendix E Derivative Differences for
package options.
User modes:
•
Normal and emulation operating modes
— Normal single-chip mode
— Normal expanded mode
— Emulation of single-chip mode
— Emulation of expanded mode
•
Special Operating Modes
— Special single-chip mode with active background debug mode
— Special test mode (Freescale use only)
Low-power modes:
•
System stop modes
— Pseudo stop mode
— Full stop mode
•
System wait mode
1.1.3
Block Diagram
Figure 1-1 shows a block diagram of theMC9S12X-Family. The block diagram shows all modules
available on cover part MC9S12XDP512. Availability of modules on other family members see
Appendix E Derivative Differences. Figure 1-2 shows blocks integrated on maskset M42E. The 16 channel
ATD Converter is routed to pins PAD00 - PAD15 on maskset M42E. See Chapter 4 Analog-to-Digital
Converter (ATD10B16CV4) Block Description 123.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com