Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 96Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 97Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 98Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 99Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 100Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 101Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 102Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 103Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
100
Freescale Semiconductor
The following conditions apply when the PLL is in automatic bandwidth control mode (AUTO = 1):
•
The TRACK bit is a read-only indicator of the mode of the filter.
•
The TRACK bit is set when the VCO frequency is within a certain tolerance,
∆trk, and is clear when
the VCO frequency is out of a certain tolerance,
∆unt.
•
The LOCK bit is a read-only indicator of the locked state of the PLL.
•
The LOCK bit is set when the VCO frequency is within a certain tolerance,
∆Lock, and is cleared
when the VCO frequency is out of a certain tolerance,
∆unl.
•
Interrupt requests can occur if enabled (LOCKIE = 1) when the lock condition changes, toggling
the LOCK bit.
The PLL can also operate in manual mode (AUTO = 0). Manual mode is used by systems that do not
require an indicator of the lock condition for proper operation. Such systems typically operate well below
the maximum system frequency (fsys) and require fast start-up. The following conditions apply when in
manual mode:
•
ACQ is a writable control bit that controls the mode of the filter. Before turning on the PLL in
manual mode, the ACQ bit should be asserted to configure the filter in acquisition mode.
•
After turning on the PLL by setting the PLLON bit software must wait a given time (tacq) before
entering tracking mode (ACQ = 0).
•
After entering tracking mode software must wait a given time (tal) before selecting the PLLCLK
as the source for system and core clocks (PLLSEL = 1).
2.4.1.2
System Clocks Generator
Figure 2-17. System Clocks Generator
OSCILLATOR
PHASE
LOCK
LOOP
EXTAL
XTAL
SYSCLK
RTI
OSCCLK
PLLCLK
CLOCK PHASE
GENERATOR
BUS CLOCK
CLOCK
MONITOR
1
0
PLLSEL or SCM
÷2
CORE CLOCK
COP
OSCILLATOR
= CLOCK GATE
GATING
CONDITION
WAIT(RTIWAI),
STOP(PSTP,PRE),
RTI ENABLE
WAIT(COPWAI),
STOP(PSTP,PCE),
COP ENABLE
STOP
1
0
SCM
CLOCK
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com