Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 68Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 69Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 70Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 71Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 72Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 73Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 74Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 75Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
72
Freescale Semiconductor
1.5.2.1
System Stop Modes
The system stop modes are entered if the CPU executes the STOP instruction and the XGATE doesn’t
execute a thread and the XGFACT bit in the XGMCTL register is cleared. Depending on the state of the
PSTP bit in the CLKSEL register the MCU goes into pseudo stop mode or full stop mode. Please refer to
CRG section. Asserting RESET, XIRQ, IRQ or any other interrupt ends the system stop modes.
1.5.2.2
Pseudo Stop Mode
In this mode the clocks are stopped but the oscillator is still running and the real time interrupt (RTI) or
watchdog (COP) submodule can stay active. Other peripherals are turned off. This mode consumes more
current than the system stop mode, but the wake up time from this mode is significantly shorter.
1.5.2.3
Full Stop Mode
The oscillator is stopped in this mode. All clocks are switched off. All counters and dividers remain frozen.
1.5.2.4
System Wait Mode
This mode is entered when the CPU executes the WAI instruction. In this mode the CPU will not execute
instructions. The internal CPU clock is switched off. All peripherals and the XGATE can be active in
system wait mode. For further power consumption the peripherals can individually turn off their local
clocks. Asserting RESET, XIRQ, IRQ or any other interrupt that has not been masked ends system wait
mode.
1.5.3
Freeze Mode
The enhanced capture timer, pulse width modulator, analog-to-digital converters, the periodic interrupt
timer and the XGATE module provide a software programmable option to freeze the module status during
the background debug module is active. This is useful when debugging application software. For detailed
description of the behavior of the ATD0, ATD1, ECT, PWM, XGATE and PIT when the background debug
module is active consult the corresponding sections..
1.6
Resets and Interrupts
Consult the S12XCPU Block Guide for information on exception processing.
1.6.1
Vectors
Table 1-12 lists all interrupt sources and vectors in the default order of priority. The interrupt module
(S12XINT) provides an interrupt vector base register (IVBR) to relocate the vectors. Associated with each
I-bit maskable service request is a configuration register. It selects if the service request is enabled, the
service request priority level and whether the service request is handled either by the S12X CPU or by the
XGATE module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com