Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 78Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 79Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 80Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 81Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 82Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 83Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 84Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 85Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 1350 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.17
82
Freescale Semiconductor
2.2
External Signal Description
This section lists and describes the signals that connect off chip.
2.2.1
VDDPLL and VSSPLL — Operating and Ground Voltage Pins
These pins provide operating voltage (VDDPLL) and ground (VSSPLL) for the PLL circuitry. This allows
the supply voltage to the PLL to be independently bypassed. Even if PLL usage is not required, VDDPLL
and VSSPLL must be connected to properly.
2.2.2
XFC — External Loop Filter Pin
A passive external loop filter must be placed on the XFC pin. The filter is a second-order, low-pass filter
that eliminates the VCO input ripple. The value of the external filter network and the reference frequency
determines the speed of the corrections and the stability of the PLL. Refer to the device specification for
calculation of PLL Loop Filter (XFC) components. If PLL usage is not required, the XFC pin must be tied
to VDDPLL.
Figure 2-2. PLL Loop Filter Connections
2.2.3
RESET — Reset Pin
RESET is an active low bidirectional reset pin. As an input. it initializes the MCU asynchronously to a
known start-up state. As an open-drain output, it indicates that a system reset (internal to the MCU) has
been triggered.
2.3
Memory Map and Register Definition
This section provides a detailed description of all registers accessible in the CRG.
MCU
XFC
RS
CS
VDDPLL
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com