Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 28Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 29Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 30Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 31Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 32Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 33Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 34Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 35Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
32
Freescale Semiconductor
1.1.1
MC9S12XD/B/A Family Features
This section lists the features which are available on MC9S12XDP512. See
Appendix E Derivative Differences for availability of features and memory
sizes on other family members.
•
HCS12X Core
— 16-bit HCS12X CPU
– Upward compatible with MC9S12 instruction set
– Interrupt stacking and programmer’s model identical to MC9S12
– Instruction queue
– Enhanced indexed addressing
– Enhanced instruction set
— EBI (external bus interface)
— MMC (module mapping control)
— INT (interrupt controller)
— DBG (debug module to monitor HCS12X CPU and XGATE bus activity)
— BDM (background debug mode)
•
XGATE (peripheral coprocessor)
— Parallel processing module off loads the CPU by providing high-speed data processing and
transfer
— Data transfer between Flash EEPROM, RAM, peripheral modules, and I/O ports
•
PIT (periodic interrupt timer)
— Four timers with independent time-out periods
— Time-out periods selectable between 1 and 224 bus clock cycles
•
CRG (clock and reset generator)
— Low noise/low power Pierce oscillator
— PLL
— COP watchdog
— Real time interrupt
— Clock monitor
— Fast wake-up from stop mode
•
Port H & Port J with interrupt functionality
— Digital filtering
— Programmable rising or falling edge trigger
•
Memory
— 512, 256 and 128-Kbyte Flash EEPROM
— 4 and 2-Kbyte EEPROM
— 32, 16 and 12-Kbyte RAM
•
One 16-channel and one 8-channel ADC (analog-to-digital converter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com