Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 56Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 57Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 58Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 59Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 60Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 61Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 62Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 63Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
60
Freescale Semiconductor
1.2.3.25
PH7 / KWH7 / SS2 / TXD5 — Port H I/O Pin 7
PH7 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the
MCU to exit stop or wait mode. It can be configured as slave select pin SS of the serial peripheral
interface 2 (SPI2). It can be configured as the transmit pin TXD of serial communication interface 5
(SCI5).
1.2.3.26
PH6 / KWH6 / SCK2 / RXD5 — Port H I/O Pin 6
PH6 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the
MCU to exit stop or wait mode. It can be configured as serial clock pin SCK of the serial peripheral
interface 2 (SPI2). It can be configured as the receive pin (RXD) of serial communication interface 5
(SCI5).
1.2.3.27
PH5 / KWH5 / MOSI2 / TXD4 — Port H I/O Pin 5
PH5 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the
MCU to exit stop or wait mode. It can be configured as master output (during master mode) or slave input
pin (during slave mode) MOSI of the serial peripheral interface 2 (SPI2). It can be configured as the
transmit pin TXD of serial communication interface 4 (SCI4).
1.2.3.28
PH4 / KWH4 / MISO2 / RXD4 — Port H I/O Pin 4
PH4 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the
MCU to exit stop or wait mode. It can be configured as master input (during master mode) or slave output
(during slave mode) pin MISO of the serial peripheral interface 2 (SPI2). It can be configured as the receive
pin RXD of serial communication interface 4 (SCI4).
1.2.3.29
PH3 / KWH3 / SS1 — Port H I/O Pin 3
PH3 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the
MCU to exit stop or wait mode. It can be configured as slave select pin SS of the serial peripheral
interface 1 (SPI1).
1.2.3.30
PH2 / KWH2 / SCK1 — Port H I/O Pin 2
PH2 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the
MCU to exit stop or wait mode. It can be configured as serial clock pin SCK of the serial peripheral
interface 1 (SPI1).
1.2.3.31
PH1 / KWH1 / MOSI1 — Port H I/O Pin 1
PH1 is a general-purpose input or output pin. It can be configured to generate an interrupt causing the
MCU to exit stop or wait mode. It can be configured as master output (during master mode) or slave input
pin (during slave mode) MOSI of the serial peripheral interface 1 (SPI1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com