Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 64Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 65Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 66Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 67Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 68Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 69Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 70Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 71Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
68
Freescale Semiconductor
1.3
System Clock Description
The clock and reset generator module (CRG) provides the internal clock signals for the core and all
peripheral modules. Figure 1-12 shows the clock connections from the CRG to all modules.
See 79Chapterf or details on clock generation.
Figure 1-14. MC9S12XD Family Clock Connections
The MCU’s system clock can be supplied in several ways enabling a range of system operating frequencies
to be supported:
•
The on-chip phase locked loop (PLL)
•
the PLL self clocking
•
the oscillator
The clock generated by the PLL or oscillator provides the main system clock frequencies core clock and
bus clock. As shown in Figure 1-12, this system clocks are used throughout the MCU to drive the core, the
memories, and the peripherals.
The program Flash memory and the EEPROM are supplied by the bus clock and the oscillator clock.The
oscillator clock is used as a time base to derive the program and erase times for the NVM’s. See the Flash
and EEPROM section for more details on the operation of the NVM’s.
SCI Modules
SPI Modules
IIC Modules
ATD Modules
CAN Modules
CRG
Bus Clock
EXTAL
XTAL
Core Clock
Oscillator Clock
RAM
S12X
XGATE
EEPROM
FLASH
PIT
ECT
PIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com