| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P912XDP512F0MPVR Datasheet(PDF) 313 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P912XDP512F0MPVR Datasheet(HTML) 313 Page - Freescale Semiconductor, Inc |
|
313 / 1350 page ![]() Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 313 0x001E Timer Input Capture/Output Compare Register 7 High (TC7) R/W3 0x001F Timer Input Capture/Output Compare Register 7 Low (TC7) R/W3 0x0020 16-Bit Pulse Accumulator A Control Register (PACTL) R/W 0x0021 Pulse Accumulator A Flag Register (PAFLG) R/W 0x0022 Pulse Accumulator Count Register 3 (PACN3) R/W 0x0023 Pulse Accumulator Count Register 2 (PACN2) R/W 0x0024 Pulse Accumulator Count Register 1 (PACN1) R/W 0x0025 Pulse Accumulator Count Register 0 (PACN0) R/W 0x0026 16-Bit Modulus Down Counter Register (MCCTL) R/W 0x0027 16-Bit Modulus Down Counter Flag Register (MCFLG) R/W 0x0028 Input Control Pulse Accumulator Register (ICPAR) R/W 0x0029 Delay Counter Control Register (DLYCT) R/W 0x002A Input Control Overwrite Register (ICOVW) R/W 0x002B Input Control System Control Register (ICSYS) R/W4 0x002C Reserved -- 0x002D Timer Test Register (TIMTST) R/W2 0x002E Precision Timer Prescaler Select Register (PTPSR) R/W 0x002F Precision Timer Modulus Counter Prescaler Select Register (PTMCPSR) R/W 0x0030 16-Bit Pulse Accumulator B Control Register (PBCTL) R/W 0x0031 16-Bit Pulse Accumulator B Flag Register (PBFLG) R/W 0x0032 8-Bit Pulse Accumulator Holding Register 3 (PA3H) R/W5 0x0033 8-Bit Pulse Accumulator Holding Register 2 (PA2H) R/W5 0x0034 8-Bit Pulse Accumulator Holding Register 1 (PA1H) R/W5 0x0035 8-Bit Pulse Accumulator Holding Register 0 (PA0H) R/W5 0x0036 Modulus Down-Counter Count Register High (MCCNT) R/W 0x0037 Modulus Down-Counter Count Register Low (MCCNT) R/W 0x0038 Timer Input Capture Holding Register 0 High (TC0H) R/W5 0x0039 Timer Input Capture Holding Register 0 Low (TC0H) R/W5 0x003A Timer Input Capture Holding Register 1 High(TC1H) R/W5 0x003B Timer Input Capture Holding Register 1 Low (TC1H) R/W5 0x003C Timer Input Capture Holding Register 2 High (TC2H) R/W5 0x003D Timer Input Capture Holding Register 2 Low (TC2H) R/W5 0x003E Timer Input Capture Holding Register 3 High (TC3H) R/W5 0x003F Timer Input Capture Holding Register 3 Low (TC3H) R/W5 1 Always read 0x0000. 2 Only writable in special modes (test_mode = 1). 3 Writes to these registers have no meaning or effect during input capture. 4 May be written once when not in test00mode but writes are always permitted when test00mode is enabled. 5 Writes have no effect. Table 7-1. ECT Memory Map (continued) Address Offset Register Access |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |