Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 350 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 350 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 346Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 347Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 348Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 349Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 350Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 351Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 352Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 353Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 354Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
350
Freescale Semiconductor
Read: Anytime
Write: Has no effect.
All bits reset to zero.
These registers are used to latch the value of the input capture registers TC0–TC3. The corresponding
IOSx bits in TIOS should be cleared (see Section 7.4.1.1, “IC Channels”).
7.4
Functional Description
This section provides a complete functional description of the ECT block, detailing the operation of the
design from the end user perspective in a number of subsections.
15
14
13
12
11
10
9
8
R
TC15
TC14
TC13
TC12
TC11
TC10
TC9
TC8
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-63. Timer Input Capture Holding Register 3 High (TC3H)
76543210
R
TC7
TC6
TC5
TC4
TC3
TC2
TC1
TC0
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-64. Timer Input Capture Holding Register 3 Low (TC3H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com