Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 358 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 358 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 354Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 355Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 356Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 357Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 358Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 359Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 360Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 361Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 362Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
358
Freescale Semiconductor
If the corresponding NOVWx bit of the ICOVW register is set, the capture register or its holding
register cannot be written by an event unless they are empty (see Section 7.4.1.1, “IC Channels”).
This will prevent the captured value from being overwritten until it is read or latched in the holding
register.
2. IC Queue Mode (LATQ = 0)
The main timer value is memorized in the IC register by a valid input pin transition (see Figure 7-67
and Figure 7-68).
If the corresponding NOVWx bit of the ICOVW register is cleared, with a new occurrence of a
capture, the value of the IC register will be transferred to its holding register and the IC register
memorizes the new timer value.
If the corresponding NOVWx bit of the ICOVW register is set, the capture register or its holding
register cannot be written by an event unless they are empty (see Section 7.4.1.1, “IC Channels”).
In queue mode, reads of the holding register will latch the corresponding pulse accumulator value
to its holding register.
7.4.1.1.3
Delayed IC Channels
There are four delay counters in this module associated with IC channels 0–3. The use of this feature is
explained in the diagram and notes below.
Figure 7-72. Channel Input Validity with Delay Counter Feature
In Figure 7-72 a delay counter value of 256 bus cycles is considered.
1. Input pulses with a duration of (DLY_CNT – 1) cycles or shorter are rejected.
2. Input pulses with a duration between (DLY_CNT – 1) and DLY_CNT cycles may be rejected or
accepted, depending on their relative alignment with the sample points.
3. Input pulses with a duration between (DLY_CNT – 1) and DLY_CNT cycles may be rejected or
accepted, depending on their relative alignment with the sample points.
4. Input pulses with a duration of DLY_CNT or longer are accepted.
1
2
3
253
254
255
256
BUS CLOCK
DLY_CNT
INPUT ON
CH0–3
Rejected
Accepted
INPUT ON
CH0–3
INPUT ON
CH0–3
Accepted
INPUT ON
CH0–3
Rejected
0
255 Cycles
255.5 Cycles
255.5 Cycles
256 Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com