Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 408 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 408 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 404Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 405Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 406Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 407Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 408Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 409Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 410Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 411Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 412Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 1350 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
408
Freescale Semiconductor
9.3.2.5
IIC Data I/O Register (IBDR)
In master transmit mode, when data is written to the IBDR a data transfer is initiated. The most significant
bit is sent first. In master receive mode, reading this register initiates next byte data receiving. In slave
mode, the same functions are available after an address match has occurred.Note that the Tx/Rx bit in the
IBCR must correctly reflect the desired direction of transfer in master and slave modes for the transmission
to begin. For instance, if the IIC is configured for master transmit but a master receive is desired, then
reading the IBDR will not initiate the receive.
Reading the IBDR will return the last byte received while the IIC is configured in either master receive or
slave receive modes. The IBDR does not reflect every byte that is transmitted on the IIC bus, nor can
software verify that a byte has been written to the IBDR correctly by reading it back.
In master transmit mode, the first byte of data written to IBDR following assertion of MS/SL is used for
the address transfer and should com.prise of the calling address (in position D7:D1) concatenated with the
required R/W bit (in position D0).
2
SRW
Slave Read/Write — When IAAS is set this bit indicates the value of the R/W command bit of the calling address
sent from the master
This bit is only valid when the I-bus is in slave mode, a complete address transfer has occurred with an address
match and no other transfers have been initiated.
Checking this bit, the CPU can select slave transmit/receive mode according to the command of the master.
0 Slave receive, master writing to slave
1 Slave transmit, master reading from slave
1
IBIF
I-Bus Interrupt — The IBIF bit is set when one of the following conditions occurs:
— Arbitration lost (IBAL bit set)
— Byte transfer complete (TCF bit set)
— Addressed as slave (IAAS bit set)
It will cause a processor interrupt request if the IBIE bit is set. This bit must be cleared by software, writing a one
to it. A write of 0 has no effect on this bit.
0
RXAK
Received Acknowledge — The value of SDA during the acknowledge bit of a bus cycle. If the received
acknowledge bit (RXAK) is low, it indicates an acknowledge signal has been received after the completion of 8
bits data transmission on the bus. If RXAK is high, it means no acknowledge signal is detected at the 9th clock.
0 Acknowledge received
1 No acknowledge received
76543210
R
D7
D6
D5
D4
D3
D2
D1
D0
W
Reset
00000000
Figure 9-8. IIC Bus Data I/O Register (IBDR)
Table 9-7. IBSR Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com