Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 414 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 414 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 410Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 411Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 412Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 413Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 414Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 415Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 416Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 417Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 418Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 1350 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
414
Freescale Semiconductor
9.7.1.2
Generation of START
After completion of the initialization procedure, serial data can be transmitted by selecting the 'master
transmitter' mode. If the device is connected to a multi-master bus system, the state of the IIC bus busy bit
(IBB) must be tested to check whether the serial bus is free.
If the bus is free (IBB=0), the start condition and the first byte (the slave address) can be sent. The data
written to the data register comprises the slave calling address and the LSB set to indicate the direction of
transfer required from the slave.
The bus free time (i.e., the time between a STOP condition and the following START condition) is built
into the hardware that generates the START cycle. Depending on the relative frequencies of the system
clock and the SCL period it may be necessary to wait until the IIC is busy after writing the calling address
to the IBDR before proceeding with the following instructions. This is illustrated in the following example.
An example of a program which generates the START signal and transmits the first byte of data (slave
address) is shown below:
9.7.1.3
Post-Transfer Software Response
Transmission or reception of a byte will set the data transferring bit (TCF) to 1, which indicates one byte
communication is finished. The IIC bus interrupt bit (IBIF) is set also; an interrupt will be generated if the
interrupt function is enabled during initialization by setting the IBIE bit. Software must clear the IBIF bit
in the interrupt routine first. The TCF bit will be cleared by reading from the IIC bus data I/O register
(IBDR) in receive mode or writing to IBDR in transmit mode.
Software may service the IIC I/O in the main program by monitoring the IBIF bit if the interrupt function
is disabled. Note that polling should monitor the IBIF bit rather than the TCF bit because their operation
is different when arbitration is lost.
Note that when an interrupt occurs at the end of the address cycle the master will always be in transmit
mode, i.e. the address is transmitted. If master receive mode is required, indicated by R/W bit in IBDR,
then the Tx/Rx bit should be toggled at this stage.
During slave mode address cycles (IAAS=1), the SRW bit in the status register is read to determine the
direction of the subsequent transfer and the Tx/Rx bit is programmed accordingly. For slave mode data
cycles (IAAS=0) the SRW bit is not valid, the Tx/Rx bit in the control register should be read to determine
the direction of the current transfer.
The following is an example of a software response by a 'master transmitter' in the interrupt routine.
CHFLAG
BRSET
IBSR,#$20,*
;WAIT FOR IBB FLAG TO CLEAR
TXSTART
BSET
IBCR,#$30
;SET TRANSMIT AND MASTER MODE;i.e. GENERATE START CONDITION
MOVB
CALLING,IBDR
;TRANSMIT THE CALLING ADDRESS, D0=R/W
IBFREE
BRCLR
IBSR,#$20,*
;WAIT FOR IBB FLAG TO SET
ISR
BCLR
IBSR,#$02
;CLEAR THE IBIF FLAG
BRCLR
IBCR,#$20,SLAVE
;BRANCH IF IN SLAVE MODE
BRCLR
IBCR,#$10,RECEIVE
;BRANCH IF IN RECEIVE MODE
BRSET
IBSR,#$01,END
;IF NO ACK, END OF TRANSMISSION
TRANSMIT
MOVB
DATABUF,IBDR
;TRANSMIT NEXT BYTE OF DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com