Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 494 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 494 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 490Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 491Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 492Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 493Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 494Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 495Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 496Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 497Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 498Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
494
Freescale Semiconductor
11.4.1
Infrared Interface Submodule
This module provides the capability of transmitting narrow pulses to an IR LED and receiving narrow
pulses and transforming them to serial bits, which are sent to the SCI. The IrDA physical layer
specification defines a half-duplex infrared communication link for exchange data. The full standard
includes data rates up to 16 Mbits/s. This design covers only data rates between 2.4 Kbits/s and 115.2
Kbits/s.
The infrared submodule consists of two major blocks: the transmit encoder and the receive decoder. The
SCI transmits serial bits of data which are encoded by the infrared submodule to transmit a narrow pulse
for every zero bit. No pulse is transmitted for every one bit. When receiving data, the IR pulses should be
detected using an IR photo diode and transformed to CMOS levels by the IR receive decoder (external
from the MCU). The narrow pulses are then stretched by the infrared submodule to get back to a serial bit
stream to be received by the SCI.The polarity of transmitted pulses and expected receive pulses can be
inverted so that a direct connection can be made to external IrDA transceiver modules that uses active low
pulses.
The infrared submodule receives its clock sources from the SCI. One of these two clocks are selected in
the infrared submodule in order to generate either 3/16, 1/16, 1/32 or 1/4 narrow pulses during
transmission. The infrared block receives two clock sources from the SCI, R16XCLK and R32XCLK,
which are configured to generate the narrow pulse width during transmission. The R16XCLK and
R32XCLK are internal clocks with frequencies 16 and 32 times the baud rate respectively. Both
R16XCLK and R32XCLK clocks are used for transmitting data. The receive decoder uses only the
R16XCLK clock.
11.4.1.1
Infrared Transmit Encoder
The infrared transmit encoder converts serial bits of data from transmit shift register to the TXD pin. A
narrow pulse is transmitted for a zero bit and no pulse for a one bit. The narrow pulse is sent in the middle
of the bit with a duration of 1/32, 1/16, 3/16 or 1/4 of a bit time. A narrow high pulse is transmitted for a
zero bit when TXPOL is cleared, while a narrow low pulse is transmitted for a zero bit when TXPOL is set.
11.4.1.2
Infrared Receive Decoder
The infrared receive block converts data from the RXD pin to the receive shift register. A narrow pulse is
expected for each zero received and no pulse is expected for each one received. A narrow high pulse is
expected for a zero bit when RXPOL is cleared, while a narrow low pulse is expected for a zero bit when
RXPOL is set. This receive decoder meets the edge jitter requirement as defined by the IrDA serial infrared
physical layer specification.
11.4.2
LIN Support
This module provides some basic support for the LIN protocol. At first this is a break detect circuitry
making it easier for the LIN software to distinguish a break character from an incoming data stream. As a
further addition is supports a collision detection at the bit level as well as cancelling pending transmissions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com