Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 512 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 512 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 508Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 509Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 510Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 511Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 512Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 513Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 514Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 515Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 516Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
512
Freescale Semiconductor
11.5.2.2
Wait Mode
SCI operation in wait mode depends on the state of the SCISWAI bit in the SCI control register 1
(SCICR1).
•
If SCISWAI is clear, the SCI operates normally when the CPU is in wait mode.
•
If SCISWAI is set, SCI clock generation ceases and the SCI module enters a power-conservation
state when the CPU is in wait mode. Setting SCISWAI does not affect the state of the receiver
enable bit, RE, or the transmitter enable bit, TE.
If SCISWAI is set, any transmission or reception in progress stops at wait mode entry. The
transmission or reception resumes when either an internal or external interrupt brings the CPU out
of wait mode. Exiting wait mode by reset aborts any transmission or reception in progress and
resets the SCI.
11.5.2.3
Stop Mode
The SCI is inactive during stop mode for reduced power consumption. The STOP instruction does not
affect the SCI register states, but the SCI bus clock will be disabled. The SCI operation resumes from
where it left off after an external interrupt brings the CPU out of stop mode. Exiting stop mode by reset
aborts any transmission or reception in progress and resets the SCI.
The receive input active edge detect circuit is still active in stop mode. An active edge on the receive input
can be used to bring the CPU out of stop mode.
11.5.3
Interrupt Operation
This section describes the interrupt originated by the SCI block.The MCU must service the interrupt
requests. Table 11-19 lists the eight interrupt sources of the SCI.
Table 11-19. SCI Interrupt Sources
Interrupt
Source
Local Enable
Description
TDRE
SCISR1[7]
TIE
Active high level. Indicates that a byte was transferred from SCIDRH/L to the
transmit shift register.
TC
SCISR1[6]
TCIE
Active high level. Indicates that a transmit is complete.
RDRF
SCISR1[5]
RIE
Active high level. The RDRF interrupt indicates that received data is available
in the SCI data register.
OR
SCISR1[3]
Active high level. This interrupt indicates that an overrun condition has occurred.
IDLE
SCISR1[4]
ILIE
Active high level. Indicates that receiver input has become idle.
RXEDGIF
SCIASR1[7]
RXEDGIE
Active high level. Indicates that an active edge (falling for RXPOL = 0, rising for
RXPOL = 1) was detected.
BERRIF
SCIASR1[1]
BERRIE
Active high level. Indicates that a mismatch between transmitted and received data
in a single wire application has happened.
BKDIF
SCIASR1[0]
BRKDIE
Active high level. Indicates that a break character has been received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com