Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 518 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 518 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 514Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 515Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 516Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 517Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 518Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 519Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 520Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 521Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 522Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 1350 page
background image
Chapter 12 Serial Peripheral Interface (S12SPIV4)
MC9S12XDP512 Data Sheet, Rev. 2.17
518
Freescale Semiconductor
12.2.3
SS — Slave Select Pin
This pin is used to output the select signal from the SPI module to another peripheral with which a data
transfer is to take place when it is configured as a master and it is used as an input to receive the slave select
signal when the SPI is configured as slave.
12.2.4
SCK — Serial Clock Pin
In master mode, this is the synchronous output clock. In slave mode, this is the synchronous input clock.
12.3
Memory Map and Register Definition
This section provides a detailed description of address space and registers used by the SPI.
12.3.1
Module Memory Map
The memory map for the SPI is given in Figure 12-2. The address listed for each register is the sum of a
base address and an address offset. The base address is defined at the SoC level and the address offset is
defined at the module level. Reads from the reserved bits return zeros and writes to the reserved bits have
no effect.
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0
SPICR1
R
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
W
SPICR2
R
0
0
0
MODFEN
BIDIROE
0
SPISWAI
SPC0
W
SPIBR
R
0
SPPR2
SPPR1
SPPR0
0
SPR2
SPR1
SPR0
W
SPISR
R
SPIF
0
SPTEF
MODF
0000
W
Reserved
R
W
SPIDR
R
Bit 7
6
5
4
3
2
1
Bit 0
W
Reserved
R
W
Reserved
R
W
= Unimplemented or Reserved
Figure 12-2. SPI Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com