| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P912XDP512F0MPVR Datasheet(PDF) 539 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P912XDP512F0MPVR Datasheet(HTML) 539 Page - Freescale Semiconductor, Inc |
|
539 / 1350 page ![]() Chapter 12 Serial Peripheral Interface (S12SPIV4) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 539 12.4.7.4 Reset The reset values of registers and signals are described in Section 12.3, “Memory Map and Register Definition”, which details the registers and their bit fields. • If a data transmission occurs in slave mode after reset without a write to SPIDR, it will transmit garbage, or the byte last received from the master before the reset. • Reading from the SPIDR after reset will always read a byte of zeros. 12.4.7.5 Interrupts The SPI only originates interrupt requests when SPI is enabled (SPE bit in SPICR1 set). The following is a description of how the SPI makes a request and how the MCU should acknowledge that request. The interrupt vector offset and interrupt priority are chip dependent. The interrupt flags MODF, SPIF, and SPTEF are logically ORed to generate an interrupt request. 12.4.7.5.1 MODF MODF occurs when the master detects an error on the SS pin. The master SPI must be configured for the MODF feature (see Table 12-2). After MODF is set, the current transfer is aborted and the following bit is changed: • MSTR = 0, The master bit in SPICR1 resets. The MODF interrupt is reflected in the status register MODF flag. Clearing the flag will also clear the interrupt. This interrupt will stay active while the MODF flag is set. MODF has an automatic clearing process which is described in Section 12.3.2.4, “SPI Status Register (SPISR)”. 12.4.7.5.2 SPIF SPIF occurs when new data has been received and copied to the SPI data register. After SPIF is set, it does not clear until it is serviced. SPIF has an automatic clearing process, which is described in Section 12.3.2.4, “SPI Status Register (SPISR)”. 12.4.7.5.3 SPTEF SPTEF occurs when the SPI data register is ready to accept new data. After SPTEF is set, it does not clear until it is serviced. SPTEF has an automatic clearing process, which is described in Section 12.3.2.4, “SPI Status Register (SPISR)”. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |