Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 551 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 551 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 547Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 548Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 549Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 550Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 551Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 552Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 553Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 554Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 555Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 1350 page
background image
Chapter 13 Periodic Interrupt Timer (S12PIT24B4CV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
551
13.4
Functional Description
Figure 13-19 shows a detailed block diagram of the PIT module. The main parts of the PIT are status,
control and data registers, two 8-bit down-counters, four 16-bit down-counters and an interrupt/trigger
interface.
Figure 13-19. PIT Detailed Block Diagram
13.4.1
Timer
As shown in Figure 13-1and Figure 13-19, the 24-bit timers are built in a two-stage architecture with four
16-bit modulus down-counters and two 8-bit modulus down-counters. The 16-bit timers are clocked with
two selectable micro time bases which are generated with 8-bit modulus down-counters. Each 16-bit timer
is connected to micro time base 0 or 1 via the PMUX[3:0] bit setting in the PIT Multiplex (PITMUX)
register.
A timer channel is enabled if the module enable bit PITE in the PIT control and force load micro timer
(PITCFLMT) register is set and if the corresponding PCE bit in the PIT channel enable (PITCE) register
is set. Two 8-bit modulus down-counters are used to generate two micro time bases. As soon as a micro
time base is selected for an enabled timer channel, the corresponding micro timer modulus down-counter
will load its start value as specified in the PITMTLD0 or PITMTLD1 register and will start down-counting.
Whenever the micro timer down-counter has counted to zero the PITMTLD register is reloaded and the
connected 16-bit modulus down-counters count one cycle.
PITMLD0 Register
8-Bit Micro Timer 0
PITCFLMT Register
PITLD0 Register
PITMLD1 Register
8-Bit Micro Timer 1
PITMUX Register
PITFLT Register
PITCNT0 Register
Timer 0
PMUX0
PFLT0
4
4
PITTF Register
PITINTE Register
Interrupt /
Hardware
Trigger
4
Interrupt
Request
4
PITLD1 Register
PITCNT1 Register
Timer 1
[1]
PFLT1
PITLD2 Register
PITCNT2 Register
Timer 2
[2]
PFLT2
PITLD3 Register
PITCNT3 Register
Timer 3
PMUX3
PFLT3
time-out 0
time-
out 1
time-
out 2
Time-Out 3
PFLMT
[1]
[0]
Trigger Interface
Bus
Clock
PIT_24B4C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com