Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 614 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 614 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 610Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 611Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 612Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 613Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 614Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 615Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 616Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 617Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 618Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
614
Freescale Semiconductor
•
Wait mode
MMC is functional during wait mode.
•
Stop mode
MMC is inactive during stop mode.
17.1.2.2
Functional Modes
•
Single chip modes
In normal and special single chip mode the internal memory is used. External bus is not active.
•
Expanded modes
Address, data, and control signals are activated in normal expanded and special test modes when
accessing the external bus.
•
Emulation modes
External bus is active to emulate via an external tool the normal expanded or the normal single chip
mode.
17.1.3
Block Diagram
Figure 1-1 shows a block diagram of the MMC.
Figure 17-1. MMC Block Diagram
17.2
External Signal Description
The user is advised to refer to the SoC Guide for port configuration and location of external bus signals.
Some pins may not be bonded out in all implementations.
Peripherals
FLASH
XGATE
CPU
BDM
Target Bus Controller
DBG
EEPROM
EBI
MMC
Address Decoder & Priority
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com