Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 677 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 677 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 673Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 674Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 675Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 676Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 677Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 678Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 679Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 680Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 681Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
677
18.4.2.3
Implemented Memory Map
The global memory spaces reserved for the internal resources (RAM, EEPROM, and FLASH) are not
determined by the MMC module. Size of the individual internal resources are however fixed in the design
of the device cannot be changed by the user. Please refer to the Device User Guide for further details.
Figure 18-23 and Table 18-20 show the memory spaces occupied by the on-chip resources. Please note that
the memory spaces have fixed top addresses.
When the device is operating in expanded modes except emulation single-chip mode, accesses to global
addresses which are not occupied by the on-chip resources (unimplemented areas or external memory
space) result in accesses to the external bus (see Figure 18-23).
In emulation single-chip mode, accesses to global addresses which are not occupied by the on-chip
resources (unimplemented areas) result in accesses to the external bus. CPU accesses to global addresses
which are occupied by external memory space result in an illegal access reset (system reset). BDM
accesses to the external space are performed but the data will be undefined.
In single-chip modes accesses by the CPU (except for firmware commands) to any of the unimplemented
areas (see Figure 18-23) will result in an illegal access reset (system reset). BDM accesses to the
unimplemented areas are allowed but the data will be undefined.
No misaligned word access from the BDM module will occur; these accesses are blocked in the BDM
module (Refer to BDM Block Guide).
Misaligned word access to the last location of RAM is performed but the data will be undefined.
Misaligned word access to the last location of any global page (64 Kbyte) by any global instruction, is
performed by accessing the last byte of the page and the first byte of the same page, considering the above
mentioned misaligned access cases.
The non-internal resources (unimplemented areas or external space) are used to generate the chip selects
(CS0,CS1,CS2 and CS3) (see Figure 18-23), which are only active in normal expanded, emulation
expanded and special test modes (see Section 18.3.2.1, “MMC Control Register (MMCCTL0)).
Table 18-20. Global Implemented Memory Space
Internal Resource
$Address
RAM
RAM_LOW = 0x10_0000 minus RAMSIZE1
1 RAMSIZE is the hexadecimal value of RAM SIZE in bytes
EEPROM
EEPROM_LOW = 0x14_0000 minus EEPROMSIZE2
2 EEPROMSIZE is the hexadecimal value of EEPROM SIZE in bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com