Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 685 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 685 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 681Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 682Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 683Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 684Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 685Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 686Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 687Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 688Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 689Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 685 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
685
This sequence is uninterruptable. There is no need to inhibit interrupts during the CALL instruction
execution. A CALL instruction can be performed from any address to any other address in the local CPU
memory space.
The PPAGE value supplied by the instruction is part of the effective address of the CPU. For all addressing
mode variations (except indexed-indirect modes) the new page value is provided by an immediate operand
in the instruction. In indexed-indirect variations of the CALL instruction a pointer specifies memory
locations where the new page value and the address of the called subroutine are stored. Using indirect
addressing for both the new page value and the address within the page allows usage of values calculated
at run time rather than immediate values that must be known at the time of assembly.
The RTC instruction terminates subroutines invoked by a CALL instruction. The RTC instruction unstacks
the PPAGE value and the return address and refills the queue. Execution resumes with the next instruction
after the CALL instruction.
During the execution of an RTC instruction the CPU performs the following steps:
1. Pulls the previously stored PPAGE value from the stack
2. Pulls the 16-bit return address from the stack and loads it into the PC
3. Writes the PPAGE value into the PPAGE register
4. Refills the queue and resumes execution at the return address
This sequence is uninterruptable. The RTC can be executed from anywhere in the local CPU memory
space.
The CALL and RTC instructions behave like JSR and RTS instruction, they however require more
execution cycles. Usage of JSR/RTS instructions is therefore recommended when possible and
CALL/RTC instructions should only be used when needed. The JSR and RTS instructions can be used to
access subroutines that are already present in the local CPU memory map (i.e. in the same page in the
program memory page window for example). However calling a function located in a different page
requires usage of the CALL instruction. The function must be terminated by the RTC instruction. Because
the RTC instruction restores contents of the PPAGE register from the stack, functions terminated with the
RTC instruction must be called using the CALL instruction even when the correct page is already present
in the memory map. This is to make sure that the correct PPAGE value will be present on stack at the time
of the RTC instruction execution.
18.5.2
Port Replacement Registers (PRRs)
Registers used for emulation purposes must be rebuilt by the in-circuit emulator hardware to achieve full
emulation of single chip mode operation. These registers are called port replacement registers (PRRs) (see
Table 1-25). PRRs are accessible from CPU, BDM and XGATE using different access types (word
aligned, word-misaligned and byte).
Each access to PRRs will be extended to 2 bus cycles for write or read accesses independent of the
operating mode. In emulation modes all write operations result in simultaneous writing to the internal
registers (peripheral access) and to the emulated registers (external access) located in the PRU in the
emulator. All read operations are performed from external registers (external access) in emulation modes.
In all other modes the read operations are performed from the internal registers (peripheral access).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com