| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P912XDP512F0MPVR Datasheet(PDF) 778 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P912XDP512F0MPVR Datasheet(HTML) 778 Page - Freescale Semiconductor, Inc |
|
778 / 1350 page ![]() Chapter 20 S12X Debug (S12XDBGV3) Module MC9S12XDP512 Data Sheet, Rev. 2.17 778 Freescale Semiconductor 20.4.5.3 Trace Buffer Organization The buffer can be used to trace either from S12XCPU, from XGATE or from both sources. An X prefix denotes information from the XGATE module, a C prefix denotes information from the S12XCPU. ADRH, ADRM, ADRL denote address high, middle and low byte respectively. INF bytes contain control information (R/W, S/D etc.). The numerical suffix indicates which tracing step. The information format for Loop1 Mode is the same as that of Normal Mode. Whilst tracing from XGATE or S12XCPU only, in Normal or Loop1 modes each array line contains data from entries made at two separate times, thus in this case the DBGCNT[0] is incremented after each separate entry. In all other modes DBGCNT[0] remains cleared whilst the other DBGCNT bits are incremented on each trace buffer entry. XGATE and S12XCPU COFs occur independently of each other and the profile of COFs for the two sources is totally different. When both sources are being traced in Normal or Loop1 mode, for each COF from one source, there may be many COFs from the other source, depending on user code. COF events could occur far from each other in the time domain, on consecutive cycles or simultaneously. When a COF occurs in either source (S12X or XGATE) a trace buffer entry is made and the corresponding CDV or XDV bit is set. The current PC of the other source is simultaneously stored to the trace buffer even if no COF has occurred, in which case CDV/XDV remains cleared indicating the address is not associated with a COF, but is simply a snapshot of the PC contents at the time of the COF from the other source. Single byte data accesses in Detail Mode are always stored to the low byte of the trace buffer (CDATAL or XDATAL) and the high byte is cleared. When tracing word accesses, the byte at the lower address is always stored to trace buffer byte3 and the byte at the higher address is stored to byte2 Table 20-39. Trace Buffer Organization Mode 8-Byte Wide Word Buffer 76543210 XGATE Detail CXINF1 CADRH1 CADRM1 CADRL1 XDATAH1 XDATAL1 XADRM1 XADRL1 CXINF2 CADRH2 CADRM2 CADRL2 XDATAH2 XDATAL2 XADRM2 XADRL2 S12XCPU Detail CXINF1 CADRH1 CADRM1 CADRL1 CDATAH1 CDATAL1 XADRM1 XADRL1 CXINF2 CADRH2 CADRM2 CADRL2 CDATAH2 CDATAL2 XADRM2 XADRL2 Both Other Modes XINF0 XPCM0 XPCL0 CINF0 CPCH0 CPCM0 CPCL0 XINF1 XPCM1 XPCL1 CINF1 CPCH1 CPCM1 CPCL1 XGATE Other Modes XINF1 XPCM1 XPCL1 XINF0 XPCM0 XPCL0 XINF3 XPCM3 XPCL3 XINF2 XPCM2 XPCL2 S12XCPU Other Modes CINF1 CPCH1 CPCM1 CPCL1 CINF0 CPCH0 CPCM0 CPCL0 CINF3 CPCH3 CPCM3 CPCL3 CINF2 CPCH2 CPCM2 CPCL2 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |