Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 807 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 807 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 803Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 804Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 805Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 806Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 807Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 808Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 809Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 810Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 811Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 807 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
807
Chapter 22
DP512 Port Integration Module (S12XDP512PIMV2)
22.1
Introduction
The S12XD family port integration module (below referred to as PIM) establishes the interface between
the peripheral modules including the non-multiplexed external bus interface module (S12X_EBI) and the
I/O pins for all ports. It controls the electrical pin properties as well as the signal prioritization and
multiplexing on shared pins.
This document covers the description of:
•
Port A, B used as address output of the S12X_EBI
•
Port C, D used as data I/O of the S12X_EBI
•
Port E associated with the S12X_EBI control signals and the IRQ, XIRQ interrupt inputs
•
Port K associated with address output and control signals of the S12X_EBI
•
Port T connected to the Enhanced Capture Timer (ECT) module
•
Port S associated with 2 SCI and 1 SPI modules
•
Port M associated with 4 MSCAN modules and 1 SCI module
•
Port P connected to the PWM and 2 SPI modules — inputs can be used as an external interrupt
source
•
Port H associated with 2 SCI modules — inputs can be used as an external interrupt source
•
Port J associated with 1 MSCAN, 1 SCI, and 2 IIC modules — inputs can be used as an external
interrupt source
•
Port AD0 and AD1 associated with one 8-channel and one 16-channel ATD module
Most I/O pins can be configured by register bits to select data direction and drive strength, to enable and
select pull-up or pull-down devices. Interrupts can be enabled on specific pins resulting in status flags.
The I/O’s of 2 MSCAN and all 3 SPI modules can be routed from their default location to alternative port
pins.
NOTE
The implementation of the PIM is device dependent. Therefore some
functions are not available on certain derivatives or 112-pin and 80-pin
package options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com