Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 901 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 901 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 897Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 898Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 899Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 900Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 901Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 902Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 903Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 904Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 905Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 901 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
901
Chapter 23
DQ256 Port Integration Module (S12XDQ256PIMV2)
Introduction
The S12XD family port integration module (below referred to as PIM) establishes the interface between
the peripheral modules including the non-multiplexed external bus interface module (S12X_EBI) and the
I/O pins for all ports. It controls the electrical pin properties as well as the signal prioritization and
multiplexing on shared pins.
This document covers the description of:
•
Port A, B used as address output of the S12X_EBI and Port C, D used as data I/O of the S12X_EBI
•
Port E associated with the S12X_EBI control signals and the IRQ, XIRQ interrupt inputs
•
Port K associated with address output and control signals of the S12X_EBI
•
Port T connected to the Enhanced Capture Timer (ECT) module
•
Port S associated with 2 SCI and 1 SPI modules
•
Port M associated with 3 MSCAN modules
•
Port P connected to the PWM and 2 SPI modules — inputs can be used as an external interrupt
source
•
Port H associated with 1 SCI module — inputs can be used as an external interrupt source
•
Port J associated with 1 MSCAN, 1 SCI, and 1 IIC module — inputs can be used as an external
interrupt source
•
Port AD0 and AD1 associated with one 8-channel andone 16-channel ATD module
Most I/O pins can be configured by register bits to select data direction and drive strength, to enable and
select pull-up or pull-down devices. Interrupts can be enabled on specific pins resulting in status flags.
The I/O’s of 2 MSCAN and 3 SPI modules can be routed from their default location to alternative port
pins.
NOTE
The implementation of the PIM is device dependent. Therefore some
functions are not available on certain derivatives or 112-pin and 80-pin
package options.
23.0.1
Features
A full-featured PIM module includes these distinctive registers:
•
Data and data direction registers for Ports A, B, C, D, E, K, T, S, M, P, H, J, AD0, and AD1 when
used as general-purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com