Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 971 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 971 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 967Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 968Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 969Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 970Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 971Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 972Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 973Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 974Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 975Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 971 / 1350 page
background image
23.0.10 Low-Power Options
23.0.10.1 Run Mode
No low-power options exist for this module in run mode.
23.0.10.2 Wait Mode
No low-power options exist for this module in wait mode.
23.0.10.3 Stop Mode
All clocks are stopped. There are asynchronous paths to generate interrupts from stop on port P, H,
and J.
Initialization and Application Information
•
It is not recommended to write PORTx and DDRx in a word access. When changing the
register pins from inputs to outputs, the data may have extra transitions during the write
access. Initialize the port data register before enabling the outputs.
•
Power consumption will increase the more the voltages on general purpose input pins
deviate from the supply voltages towards mid-range because the digital input buffers
operate in the linear region.
PJ2
GPIO
GPIO
GPIO
or
CS1
GPIO
GPIO
or
CS1
GPIO
or
CS1
PJ0
GPIO
GPIO
GPIO
or
CS3
GPIO
GPIO
or
CS3
GPIO
or
CS3
1. Depending on ROMON bit. Refer to Device Guide, S12X_EBI section and S12X_MMC section for details.
Table 23-70. Expanded Bus Pin Functions versus Operating Modes (continued)
Pin
Single-Chip Modes
Expanded Modes
Normal Single-
Chip
Special Single-
Chip
Normal
Expanded
Emulation
Single-Chip
Emulation
Expanded
Special
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com