| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P912XDP512F0MPVR Datasheet(PDF) 982 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
P912XDP512F0MPVR Datasheet(HTML) 982 Page - Freescale Semiconductor, Inc |
|
982 / 1350 page ![]() Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2) MC9S12XDP512 Data Sheet, Rev. 2.17 982 Freescale Semiconductor H PH7 SS2 I/O Serial Peripheral Interface 2 slave select output in master mode, input for slave mode or master mode GPIO TXD5 O Serial Communication Interface 5 transmit pin GPIO/KWH7 I/O General-purpose I/O with interrupt PH6 SCK2 I/O Serial Peripheral Interface 2 serial clock pin RXD5 I Serial Communication Interface 5 receive pin GPIO/KWH6 I/O General-purpose I/O with interrupt PH5 MOSI2 I/O Serial Peripheral Interface 2 master out/slave in pin TXD4 O Serial Communication Interface 4 transmit pin GPIO/KWH5 I/O General-purpose I/O with interrupt PH4 MISO2 I/O Serial Peripheral Interface 2 master in/slave out pin RXD4 I Serial Communication Interface 4 receive pin GPIO/KWH4 I/O General-purpose I/O with interrupt PH3 SS1 I/O Serial Peripheral Interface 1 slave select output in master mode, input for slave mode or master mode. GPIO/KWH3 I/O General-purpose I/O with interrupt PH2 SCK1 I/O Serial Peripheral Interface 1 serial clock pin GPIO/KWH2 I/O General-purpose I/O with interrupt PH1 MOSI1 I/O Serial Peripheral Interface 1 master out/slave in pin GPIO/KWH1 I/O General-purpose I/O with interrupt PH0 MISO1 I/O Serial Peripheral Interface 1 master in/slave out pin GPIO/KWH0 I/O General-purpose I/O with interrupt J PJ7 TXCAN4 O MSCAN4 transmit pin GPIO SCL0 O Inter Integrated Circuit 0 serial clock line TXCAN0 O MSCAN0 transmit pin GPIO/KWJ7 I/O General-purpose I/O with interrupt PJ6 RXCAN4 I MSCAN4 receive pin SDA0 I/O Inter Integrated Circuit 0 serial data line RXCAN0 I MSCAN0 receive pin GPIO/KWJ6 I/O General-purpose I/O with interrupt PJ1 GPIO/KWJ1 I/O General-purpose I/O with interrupt PJ0 GPIO/KWJ0 I/O General-purpose I/O with interrupt AD1 PAD[15:00] GPIO I/O General-purpose I/O GPIO AN[15:0] I ATD1 analog inputs 1. Function active when RESET asserted. Table 24-1. Pin Functions and Priorities (Sheet 5 of 5) Port Pin Name Pin Function and Priority I/O Description Pin Function after Reset |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |