Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1032 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1032 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1028Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1029Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1030Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1031Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1032Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1033Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1034Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1035Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1036Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1032 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
1032
Freescale Semiconductor
Port K pin PE[7] is configured for reduced input threshold in certain modes (refer to S12X_EBI section).
NOTE
Port K is not available in 80-pin packages.
24.0.7.5
Port T
This port is associated with the ECT module. Port T pins PT[7:0] can be used for either general-purpose
I/O, or with the channels of the enhanced capture timer.
24.0.7.6
Port S
This port is associated with SCI0, SCI1 and SPI0. Port S pins PS[7:0] can be used either for general-
purpose I/O, or with the SCI and SPI subsystems.
The SPI0 pins can be re-routed. Refer to Section 24.0.5.33, “Module Routing Register (MODRR)”.
NOTE
PS[7:4] are not available in 80-pin packages.
24.0.7.7
Port M
This port is associated with the CAN4 and 0 and SPI0. Port M pins PM[7:0] can be used for either general
purpose I/O, or with the CAN, SCI and SPI subsystems.
The CAN0, CAN4 and SPI0 pins can be re-routed. Refer to Section 24.0.5.33, “Module Routing Register
(MODRR)”.
NOTE
PM[7:6] are not available in 80-pin packages.
24.0.7.8
Port P
This port is associated with the PWM, SPI1. Port P pins PP[7:0] can be used for either general purpose I/
O, or with the PWM and SPI subsystems.
The pins are shared between the PWM channels and the SPI1. If the PWM is enabled the pins become
PWM output channels with the exception of pin 7 which can be PWM input or output. If SPI1is enabled
and PWM is disabled, the respective pin configuration is determined by status bits in the SPI.
The SPI1 pins can be re-routed. Refer to Section 24.0.5.33, “Module Routing Register (MODRR)”.
Port P offers 8 I/O pins with edge triggered interrupt capability in wired-OR fashion (Section 24.0.8, “Pin
Interrupts”).
NOTE
PP[6] is not available in 80-pin packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com