Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1039 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1039 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1035Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1036Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1037Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1038Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1039Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1040Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1041Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1042Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1043Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1039 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1039
Chapter 25
2 Kbyte EEPROM Module (S12XEETX2KV1)
25.1
Introduction
This document describes the EETX2K module which includes a 2Kbyte EEPROM (nonvolatile) memory.
The EEPROM memory may be read as either bytes, aligned words, or misaligned words. Read access time
is one bus cycle for bytes and aligned words, and two bus cycles for misaligned words.
The EEPROM memory is ideal for data storage for single-supply applications allowing for field
reprogramming without requiring external voltage sources for program or erase. Program and erase
functions are controlled by a command driven interface. The EEPROM module supports both block erase
(all memory bytes) and sector erase (4 memory bytes). An erased bit reads 1 and a programmed bit reads
0. The high voltage required to program and erase the EEPROM memory is generated internally. It is not
possible to read from the EEPROM block while it is being erased or programmed.
CAUTION
An EEPROM word (2 bytes) must be in the erased state before being
programmed. Cumulative programming of bits within a word is not allowed.
25.1.1
Glossary
Command Write Sequence — A three-step MCU instruction sequence to execute built-in algorithms
(including program and erase) on the EEPROM memory.
25.1.2
Features
•
2 Kbytes of EEPROM memory divided into 512 sectors of 4 bytes
•
Automated program and erase algorithm
•
Interrupts on EEPROM command completion and command buffer empty
•
Fast sector erase and word program operation
•
2-stage command pipeline
•
Sector erase abort feature for critical interrupt response
•
Flexible protection scheme to prevent accidental program or erase
•
Single power supply for all EEPROM operations including program and erase
25.1.3
Modes of Operation
Program, erase and erase verify operations (please refer to Section 25.4.1, “EEPROM Command
Operations” for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com