Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1054 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1054 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1050Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1051Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1052Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1053Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1054Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1055Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1056Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1057Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1058Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1054 / 1350 page
background image
Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1054
Freescale Semiconductor
25.4.1.2
Command Write Sequence
The EEPROM command controller is used to supervise the command write sequence to execute program,
erase, erase verify, sector erase abort, and sector modify algorithms.
Before starting a command write sequence, the ACCERR and PVIOL flags in the ESTAT register must be
clear (see Section 25.3.2.6, “EEPROM Status Register (ESTAT)”) and the CBEIF flag should be tested to
determine the state of the address, data and command buffers. If the CBEIF flag is set, indicating the
buffers are empty, a new command write sequence can be started. If the CBEIF flag is clear, indicating the
buffers are not available, a new command write sequence will overwrite the contents of the address, data
and command buffers.
A command write sequence consists of three steps which must be strictly adhered to with writes to the
EEPROM module not permitted between the steps. However, EEPROM register and array reads are
allowed during a command write sequence. The basic command write sequence is as follows:
1. Write to one address in the EEPROM memory.
2. Write a valid command to the ECMD register.
3. Clear the CBEIF flag in the ESTAT register by writing a 1 to CBEIF to launch the command.
The address written in step 1 will be stored in the EADDR registers and the data will be stored in the
EDATA registers. If the CBEIF flag in the ESTAT register is clear when the first EEPROM array write
occurs, the contents of the address and data buffers will be overwritten and the CBEIF flag will be set.
When the CBEIF flag is cleared, the CCIF flag is cleared on the same bus cycle by the EEPROM command
controller indicating that the command was successfully launched. For all command write sequences
except sector erase abort, the CBEIF flag will set four bus cycles after the CCIF flag is cleared indicating
that the address, data, and command buffers are ready for a new command write sequence to begin. For
sector erase abort operations, the CBEIF flag will remain clear until the operation completes. Except for
the sector erase abort command, a buffered command will wait for the active operation to be completed
before being launched. The sector erase abort command is launched when the CBEIF flag is cleared as part
of a sector erase abort command write sequence. Once a command is launched, the completion of the
command operation is indicated by the setting of the CCIF flag in the ESTAT register. The CCIF flag will
set upon completion of all active and buffered commands.
25.4.2
EEPROM Commands
Table 25-9 summarizes the valid EEPROM commands along with the effects of the commands on the
EEPROM block.
Table 25-9. EEPROM Command Description
ECMDB
Command
Function on EEPROM Memory
0x05
Erase
Verify
Verify all memory bytes in the EEPROM block are erased. If the EEPROM block is erased, the
BLANK flag in the ESTAT register will set upon command completion.
0x20
Program
Program a word (two bytes) in the EEPROM block.
0x40
Sector
Erase
Erase all four memory bytes in a sector of the EEPROM block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com