Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1099 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1099 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1095Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1096Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1097Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1098Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1099Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1100Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1101Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1102Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1099 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1099
26.4.2.5
Sector Erase Abort Command
The sector erase abort operation will terminate the active sector erase or sector modify operation so that
other sectors in an EEPROM block are available for read and program operations without waiting for the
sector erase or sector modify operation to complete.
An example flow to execute the sector erase abort operation is shown in Figure 26-22. The sector erase
abort command write sequence is as follows:
1. Write to any EEPROM memory address to start the command write sequence for the sector erase
abort command. The address and data written are ignored.
2. Write the sector erase abort command, 0x47, to the ECMD register.
3. Clear the CBEIF flag in the ESTAT register by writing a 1 to CBEIF to launch the sector erase abort
command.
If the sector erase abort command is launched resulting in the early termination of an active sector erase
or sector modify operation, the ACCERR flag will set once the operation completes as indicated by the
CCIF flag being set. The ACCERR flag sets to inform the user that the EEPROM sector may not be fully
erased and a new sector erase or sector modify command must be launched before programming any
location in that specific sector. If the sector erase abort command is launched but the active sector erase or
sector modify operation completes normally, the ACCERR flag will not set upon completion of the
operation as indicated by the CCIF flag being set. If the sector erase abort command is launched after the
sector modify operation has completed the sector erase step, the program step will be allowed to complete.
The maximum number of cycles required to abort a sector erase or sector modify operation is equal to four
EECLK periods (see Section 26.4.1.1, “Writing the ECLKDIV Register”) plus five bus cycles as measured
from the time the CBEIF flag is cleared until the CCIF flag is set.
NOTE
Since the ACCERR bit in the ESTAT register may be set at the completion
of the sector erase abort operation, a command write sequence is not
allowed to be buffered behind a sector erase abort command write sequence.
The CBEIF flag will not set after launching the sector erase abort command
to indicate that a command should not be buffered behind it. If an attempt is
made to start a new command write sequence with a sector erase abort
operation active, the ACCERR flag in the ESTAT register will be set. A new
command write sequence may be started after clearing the ACCERR flag, if
set.
NOTE
The sector erase abort command should be used sparingly since a sector
erase operation that is aborted counts as a complete program/erase cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com