Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 1105 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 1105 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 1101Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1102Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1103Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1104Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1105Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1106Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1107Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1108Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 1109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1105 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1105
26.6.1
Unsecuring the MCU in Special Single Chip Mode using BDM
Before the MCU can be unsecured in special single chip mode, the EEPROM memory must be erased
using the following method :
•
Reset the MCU into special single chip mode, delay while the erase test is performed by the BDM
secure ROM, send BDM commands to disable protection in the EEPROM module, and execute a
mass erase command write sequence to erase the EEPROM memory.
After the CCIF flag sets to indicate that the EEPROM mass operation has completed and assuming that the
Flash memory has also been erased, reset the MCU into special single chip mode. The BDM secure ROM
will verify that the Flash and EEPROM memory are erased and will assert the UNSEC bit in the BDM
status register. This BDM action will cause the MCU to override the Flash security state and the MCU will
be unsecured. Once the MCU is unsecured, BDM commands will be enabled and the Flash security byte
may be programmed to the unsecure state.
26.7
Resets
26.7.1
EEPROM Reset Sequence
On each reset, the EEPROM module executes a reset sequence to hold CPU activity while loading the
EPROT register from the EEPROM memory according to Table 26-1.
26.7.2
Reset While EEPROM Command Active
If a reset occurs while any EEPROM command is in progress, that command will be immediately aborted.
The state of a word being programmed or the sector / block being erased is not guaranteed.
26.8
Interrupts
The EEPROM module can generate an interrupt when all EEPROM command operations have completed,
when the EEPROM address, data, and command buffers are empty.
NOTE
Vector addresses and their relative interrupt priority are determined at the
MCU level.
Table 26-11. EEPROM Interrupt Sources
Interrupt Source
Interrupt Flag
Local Enable
Global (CCR) Mask
EEPROM address, data, and command buffers empty
CBEIF
(ESTAT register)
CBEIE
(ECNFG register)
I Bit
All EEPROM commands completed
CCIF
(ESTAT register)
CCIE
(ECNFG register)
I Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com